Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4IN-D2 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # MY4IN-D2
Description  General-purpose Relay
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-D2 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button MY4IN-D2 Datasheet HTML 11Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 12Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 13Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 14Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 15Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 16Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 17Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 18Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
General-purpose Relay
MY
273
Spacer
PFP-S
■ Approved Standards
VDE Recognitions (File No. 112467UG, IEC 255, VDE 0435)
UL Recognized (File No. 41515)
CSA Certified (File No. LR31928)
IMQ (File No. EN013 to 016)
LR Recognitions (File No. 98/10014)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 250 VAC (cos
φ=1)
10 A, 30 VDC (L/R=0 ms)
10 x 103
4
5 A, 250 VAC (cos
φ=1)
5 A, 30 VDC (L/R=0 ms)
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC (general purpose), 40
°C
10 A, 250 VAC (general purpose), 40
°C
6 x 103
4
5 A, 30 VDC (general purpose), 40
°C (Same polarity)
5 A, 250 VAC (general purpose), 40
°C (Same polarity)
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 30 VDC
10 A, 250 VAC
6 x 103
4
5 A, 250 VAC (same polarity)
5 A, 30 VDC (same polarity)
No. of poles
Coil ratings
Contact ratings
Operations
2
6, 12, 24, 48/50, 100/110
110/120, 200/220,
220/240 VAC
6, 12, 24, 48, 100/110,
125 VDC
10 A, 30 VDC
10 A, 250 VAC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC (resistive)
2 A, 250 VAC (PF0.4)
10 A, 30 VDC (resistive)
2 A, 30 VDC (L/R=7 ms)
50 x 103
4
5 A, 250 VAC (resistive)
0.8 A, 250 VAC (PF0.4)
5 A, 30 VDC (resistive)
1.5 A, 30 VDC (L/R=7 ms)
50 x 103
5
16
12
44.3
16.5
34.8


Similar Part No. - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-D2 OMRON-MY4IN-D2 Datasheet
446Kb / 18P
   Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
More results

Similar Description - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com