Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4IN-D2 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # MY4IN-D2
Description  General-purpose Relay
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-D2 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button MY4IN-D2 Datasheet HTML 8Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 9Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 10Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 11Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 12Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 13Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 14Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 15Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
270
General-purpose Relay
MY
Socket Bridge
Note: 1. The relationship between the model number, the length L,
and the color of the insulating coating is shown above.
2. The insulating coating must be able to withstand a voltage
of 1,500 V for 1 minute. Use either PE or PA as the material
of the insulating coating.
3. The positions of the ends of the insulating coating must not
vary more than 0.5 mm.
4. The characteristics of the socket bridge are shown above.
Socket
Dimensions
Terminal arrangement/
internal connections
(top view)
Mounting height (with lever)
Note: Pole-2 and pole-3 can-
not be used with the
MY2 type. Use pole-1
(terminal numbers 11,
14,
12)
and
pole-4
(terminal numbers
41, 44, 42).
Note: Track mounting only.
Note: Track mounting only.
PYF14S
36.5 max.
31 max.
85 max.
72.6 typ.
28.6
PYF08S
(5.3)
85 max.
38.2 max.
36.5 max.
23.2 max.
73.6 typ.
28.6
Insulating coating
1.4 dia. conductor
L
(See note 1.)
Model number
Length L (mm)
Color of insulating
coating
PYDM-14SR
27.5
±0.3
Red
PYDM-14SB
Blue
PYDM-08SR
19.7
±0.3
Red
PYDM-08SB
Blue
Item
Characteristic
Rated ON current
10 A
Rated insulation voltage
250 VAC
Temperature rise
35
°C max.
Dielectric strength
1,500 VAC for 1 minute
Ambient operating temperature
-55 to 70
°C


Similar Part No. - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-D2 OMRON-MY4IN-D2 Datasheet
446Kb / 18P
   Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
More results

Similar Description - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com