Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 31Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 32Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 33Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 34Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 35Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 36Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 37Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 38Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 39Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Rev. 1.0 / July. 2008
36
Release
H5PS5162FFR series
36. These parameters are specified per their average values, however it is understood that the following
relationship between the average timing and the absolute instantaneous timing holds at all times. (Min and
max of SPEC values are to be used for calculations in the table below.)
Example: For DDR2-667, tCH(abs),min = ( 0.48 x 3000 ps ) - 125 ps = 1315 ps
37. tHP is the minimum of the absolute half period of the actual input clock. tHP is an input parameter but
not an input specification parameter. It is used in conjunction with tQHS to derive the DRAM output timing
tQH.
The value to be used for tQH calculation is determined by the following equation;
tHP = Min ( tCH(abs), tCL(abs) ),
where,
tCH(abs) is the minimum of the actual instantaneous clock HIGH time;
tCL(abs) is the minimum of the actual instantaneous clock LOW time;
Parameter
Symbol
DDR2-667
DDR2-800
Units
Notes
min
max
min
max
Clock period jitter
tJIT(per)
-125
125
-100
100
ps
35
Clock period jitter during DLL locking period
tJIT(per,lck)
-100
100
-80
80
ps
35
Cycle to cycle clock period jitter
tJIT(cc)
-250
250
-200
200
ps
35
Cycle to cycle clock period jitter during DLL
locking period
tJIT(cc,lck)
-200
200
-160
160
ps
35
Cumulative error across 2 cycles
tERR(2per)
-175
175
-150
150
ps
35
Cumulative error across 3 cycles
tERR(3per)
-225
225
-175
175
ps
35
Cumulative error across 4 cycles
tERR(4per)
-250
250
-200
200
ps
35
Cumulative error across 5 cycles
tERR(5per)
-250
250
-200
200
ps
35
Cumulative error across n cycles,
n=6...10, inclusive
tERR(6~10per)
-350
350
-300
300
ps
35
Cumulative error across n cycles,
n=11...50, inclusive
tERR(11~50per)
-450
450
-450
450
ps
35
Duty cycle jitter
tJIT(duty)
-125
125
-100
100
ps
35
Parameter
Symbol
min
max
Units
Absolute clock period
tCK(abs)
tCK(avg),min+tJIT(per),min
tCK(avg),max+tJIT(per),max
ps
Absolute clock HIGH pulse width
tCH(abs)
tCH(avg),min*tCK(avg),min+tJIT(
per),min
tCH(avg),max*tCK(avg),max+tJI
T(per),max
ps
Absolute clock LOW pulse width
tCL(abs)
tCL(avg),min*tCK(avg),min+tJIT(
per),min
tCL(avg),max*tCK(avg),max+tJIT
(per),max
ps


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com