Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 30Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 31Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 32Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 33Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 34Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 35Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 36Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 37Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Rev. 1.0 / July. 2008
34
Release
H5PS5162FFR series
22. Input waveform timing is referenced from the input signal crossing at the VIH(ac) level for a rising sig-
nal and VIL(ac) for a falling signal applied to the device under test.
23. Input waveform timing is referenced from the input signal crossing at the VIL(dc) level for a rising sig-
nal and VIH(dc) for a falling signal applied to the device under test.
24. tWTR is at least two clocks (2 x tCK or 2 x nCK) independent of operation frequency.
25. Input waveform timing with single-ended data strobe enabled MR[bit10] = 1, is referenced from the
input signal crossing at the VIH(ac) level to the single-ended data strobe crossing VIH/L(dc) at the start of
its transition for a rising signal, and from the input signal crossing at the VIL(ac) level to the single-ended
data strobe crossing VIH/L(dc) at the start of its transition for a falling signal applied to the device under
test. The DQS signal must be monotonic between Vil(dc)max and Vih(dc)min.
26. Input waveform timing with single-ended data strobe enabled MR[bit10] = 1, is referenced from the
input signal crossing at the VIH(dc) level to the single-ended data strobe crossing VIH/L(ac) at the end of
its transition for a rising signal, and from the input signal crossing at the VIL(dc) level to the single-ended
data strobe crossing VIH/L(ac) at the end of its transition for a falling signal applied to the device under
test. The DQS signal must be monotonic between Vil(dc)max and Vih(dc)min.
27. tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE
must remain at the valid input level the entire time it takes to achieve the 3 clocks of registration. Thus,
after any CKE transition, CKE may not transition from its valid level during the time period of tIS + 2 x tCK
+ tIH.
DQS
VDDQ
VIH(ac)min
VIH(dc)min
tDH
tDS
DQS
VREF(dc)
VSS
VIL(dc)max
VIL(ac)max
tDH
tDS
Differential Input waveform timing


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com