Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 16Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 17Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 18Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 19Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 20Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 21Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 22Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 23Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Rev. 1.0 / July. 2008
20
Release
H5PS5162FFR series
-Continue-
(Refer to notes for information related to this table at the following pages of this table)
Parameter
Symbol
DDR2-400
DDR2-533
Unit
Note
min
max
min
max
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
Active to active command period for 1KB
page size products
tRRD
7.5
-7.5
-
ns
4
Active to active command period for 2KB
page size products
tRRD
10
-10
-
ns
4
Four Active Window for 1KB page size
products
tFAW
37.5
-37.5
-
ns
Four Active Window for 2KB page size
products
tFAW
50
-50
-
ns
CAS to CAS command delay
tCCD
2
2
tCK
Write recovery time
tWR
15
-15
-
ns
Auto precharge write recovery + precharge
time
tDAL
WR+tRP
-
WR+tRP
-
tCK
14
Internal write to read command delay
tWTR
10
-7.5
-
ns
24
Internal read to precharge command delay tRTP
7.5
7.5
ns
3
Exit self refresh to a non-read command
tXSNR
tRFC + 10
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
-
200
-
tCK
Exit precharge power down to any non-
read command
tXP
2
-
2
-
tCK
Exit active power down to read command
tXARD
2
2
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
6 - AL
6 - AL
tCK
1, 2
CKE minimum pulse width
(high and low pulse width)
tCKE
3
3
tCK
27
ODT turn-on delay
tAOND
2222
tCK
ODT turn-on
tAON
tAC(min)
tAC(max)
+1
tAC(min)
tAC(max)
+1
ns
16
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+
2
2tCK+
tAC(max)
+1
tAC(min)+
2
2tCK+
tAC(max)
+1
ns
ODT turn-off delay
tAOFD
2.52.5
2.52.5
tCK
ODT turn-off
tAOF
tAC(min)
tAC(max)
+ 0.6
tAC(min)
tAC(max)
+ 0.6
ns
17
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+
2
2.5tCK+
tAC(max)
+1
tAC(min)+
2
2.5tCK+
tAC(max)
+1
ns
ODT to power down entry latency
tANPD
3
3
tCK
ODT power down exit latency
tAXPD
8
8
tCK
OCD drive mode output delay
tOIT
0
12
0
12
ns
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS+tCK+t
IH
tIS+tCK+t
IH
ns
15


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com