Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 15Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 16Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 17Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 18Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 19Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 20Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 21Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 22Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
Rev. 1.0 / July. 2008
19
Release
H5PS5162FFR series
Timing Parameters by Speed Grade
(Refer to notes for information related to this table at the following pages of this table)
Parameter
Symbol
DDR2-400
DDR2-533
Unit
Note
min
max
min
max
DQ output access time from CK/CK
tAC
-600
+600
-500
+500
ps
DQS output access time from CK/CK
tDQSCK
-500
+500
-450
+450
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
ps
11,12
Clock cycle time, CL=x
tCK
5000
8000
3750
8000
ps
15
DQ and DM input setup time
(differential strobe)
tDS
(base)
150
-
100
-
ps
6,7,8,
20
DQ and DM input hold time
(differential strobe)
tDH
(base)
275
-
225
-
ps
6,7,8,
21
DQ and DM input setup time
(single ended strobe)
tDS
25
--25
-
ps
6,7,8,
20
DQ and DM input hold time
(single ended strobe)
tDH
25
--25
-
ps
6,7,8,
21
Control & Address input pulse width for
each input
tIPW
0.6
-0.6
-
tCK
DQ and DM input pulse width for each
input
tDIPW
0.35
-0.35
-
tCK
Data-out high-impedance time from CK/CK tHZ
-
tAC max
-
tAC max
ps
18
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC min
tAC max
tAC min
tAC max
ps
18
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC min tAC max
2*tAC min tAC max
ps
18
DQS-DQ skew for DQS and associated DQ
signals
tDQSQ
-350
-300
ps
13
DQ hold skew factor
tQHS
-450
-400
ps
12
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
First DQS latching transition to associated
clock edge
tDQSS
-0.25
+ 0.25
-0.25
+ 0.25
tCK
DQS input high pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input low pulse width
tDQSL
0.35
-
0.35;;
-
tCK
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK
Mode register set command cycle time
tMRD
2
-
2
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
10
Write preamble
tWPRE
0.35
-
0.35
-
tCK
Address and control input setup time
tIS(base)
350
-
250
-
ps
5,7,9,
23
Address and control input hold time
tIH(base)
475
-
375
-
ps
5,7,9,
23


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
512Mb DDR2 SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com