Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 14Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 15Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 16Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 17Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 18Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 19Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 20Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 21Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Rev. 1.0 / July. 2008
18
Release
H5PS5162FFR series
3.5. Input/Output Capacitance
4. Electrical Characteristics & AC Timing Specification
( 0 ℃ ≤ TCASE ≤ 95℃; VDDQ = 1.8 V +/- 0.1V; VDD = 1.8V +/- 0.1V)
Refresh Parameters by Device Density
DDR2 SDRAM speed bins and tRCD, tRP and tRC for corresponding bin
Parameter
Symbol
DDR2- 400
DDR2- 533
DDR2 667
DDR2 800
Units
Min
Max
Min
Max
Min
Max
Input capacitance, CK and CK
CCK
1.0
2.0
1.0
2.0
1.0
2.0
pF
Input capacitance delta, CK and CK
CDCK
x
0.25
x
0.25
x
0.25
pF
Input capacitance, all other input-only pins
CI
1.0
2.0
1.0
2.0
1.0
1.75
pF
Input capacitance delta, all other input-only pins
CDI
x
0.25
x
0.25
x
0.25
pF
Input/output capacitance, DQ, DM, DQS, DQS
CIO
2.5
4.0
2.5
3.5
2.5
3.5
pF
Input/output capacitance delta, DQ, DM, DQS, DQS
CDIO
x
0.5
x
0.5
x
0.5
pF
Parameter
Symbol
256Mb 512Mb 1Gb
2Gb
4Gb
Units
Refresh to Active
/Refresh command time
tRFC
75
105
127.5
195
327.5
ns
Average periodic refresh interval tREFI
0 ℃≤ TCASE ≤ 85℃
7.8
7.8
7.8
7.8
7.8
us
85℃ < TCASE ≤95℃
3.9
3.9
3.9
3.9
3.9
us
Speed
DDR2-800D
DDR2-800E
DDR2-667D
DDR2-533C
DDR2-400B
Units
Bin(CL-tRCD-tRP)
5-5-5
6-6-6
5-5-5
4-4-4
3-3-3
Parameter
min
min
min
min
min
CAS Latency
56
5
4
5
tCK
tRCD
12.5
15
15
15
15
ns
tRP
12.5
15
15
15
15
ns
tRAS
45
45
45
45
40
ns
tRC
57.25
60
606055
ns


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com