Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS5162FFR-C Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5PS5162FFR-C
Description  512Mb DDR2 SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS5162FFR-C Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5PS5162FFR-C Datasheet HTML 7Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 8Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 9Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 10Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 11Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 12Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 13Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 14Page - Hynix Semiconductor H5PS5162FFR-C Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Rev. 1.0 / July. 2008
11
Release
H5PS5162FFR series
3.2.4 Differential Input AC logic Level
3.2.5 Differential AC output parameters
Symbol
Parameter
Min.
Max.
Units
Notes
VID (ac)
ac differential input voltage
0.5
VDDQ + 0.6
V
1
VIX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.175
0.5 * VDDQ + 0.175
V
2
1. VIN(DC) specifies the allowable DC execution of each input of differential pair such as CK, CK, DQS, DQS,
LDQS, LDQS, UDQS and UDQS.
2. VID(DC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input
(such as CK, DQS, LDQS or UDQS) level and VCP is the complementary input (such as CK, DQS, LDQS
or UDQS) level. The minimum value is equal to VIH(DC) - V IL(DC).
Note:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input
signal (such as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as CK, DQS, LDQS
or UDQS). The minimum value is equal to V IH(AC) - V IL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 * VDDQ of the transmitting device and VIX(AC) is
expected to track variations in VDDQ . VIX(AC) indicates the voltage at which differential input signals must
cross.
Symbol
Parameter
Min.
Max.
Units
Notes
VOX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.125 0.5 * VDDQ + 0.125
V
1
Note:
1. The typical value of VOX(AC) is expected to be about 0.5 * V DDQ of the transmitting device and VOX(AC) is
expected to track variations in VDDQ . VOX(AC) indicates the voltage at whitch differential output signals
must cross.
VDDQ
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
< Differential signal levels >


Similar Part No. - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS5162FFR-C4 HYNIX-H5PS5162FFR-C4 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
More results

Similar Description - H5PS5162FFR-C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com