Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6655BHMS8-3.3PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6655BHMS8-3.3PBF
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655BHMS8-3.3PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6655BHMS8-3.3PBF Datasheet HTML 6Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 7Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 8Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 9Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 10Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 11Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 12Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 13Page - Linear Technology LTC6655BHMS8-3.3PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC6655
0
6655fa
applicaTions inForMaTion
Bypass and Load Capacitors
The LTC6655 voltage references require a 0.1µF or larger
input capacitor located close to the part to improve power
supply rejection. An output capacitor with a value between
2.7µF and 100µF is also required.
The output capacitor has a direct effect on the stability,
turn-on time and settling behavior. Choose a capacitor
with low ESR to insure stability. Resistance in series with
the output capacitor (ESR) introduces a zero in the output
buffer transfer function and could cause instability. The
2.7μF to 100μF range includes several types of capacitors
thatarereadilyavailableasthrough-holeandsurfacemount
components. It is recommended to keep ESR less than or
equal to 0.1Ω. Capacitance and ESR are both frequency
dependent. At higher frequencies capacitance drops and
ESR increases. To insure stable operation the output ca-
pacitor should have the required values at 100kHz.
In order to achieve the best performance, caution should
be used when choosing a capacitor. X7R ceramic ca-
pacitors are small, come in appropriate values and are
relatively stable over a wide temperature range. However,
for a low noise application X7R capacitors may not be
suitable since they may exhibit a piezoelectric effect. The
mechanical vibrations cause a charge displacement in the
ceramic dielectric and the resulting perturbation can look
like noise. If X7R capacitors are necessary, a thorough
bench evaluation should be completed to verify proper
performance.
For very low noise applications where every nanovolt
counts, film capacitors should be considered for their
low noise and lack of piezoelectric effects. Film capaci-
tors such as polyester, polystyrene, polycarbonate, and
polypropylene have good temperature stability. Additional
care must be taken as polystyrene and polypropylene have
an upper temperature limit of 85°C to 105°C. Above these
temperatures, the working voltages need to be derated
according to manufacturer’s specifications. Another type
of film capacitor is polyphenylene sulfide (PPS). These
devices work over a wide temperature range, are stable,
and have large capacitance values beyond 1μF. In general,
film capacitors are found in surface mount and leaded
packages. Table 1 is a partial list of capacitor companies
and some of their available products.
In voltage reference applications, film capacitor lifetime
is affected by temperature and applied voltage. When
polyester capacitors are operated beyond their rated
temperatures (some capacitors are not rated for operation
above 85°C) they need to be derated. Voltage derating is
usually accomplished as a ratio of applied voltage to rated
voltagelimit.Contactspecificfilmcapacitormanufacturers
to determine exact lifetime and derating information.
The lifetime of X7R capacitors is long, especially for
reference applications. Capacitor lifetime is degraded by
operating near or exceeding the rated voltage, at high
temperature, with AC ripple or some combination of these.
Most reference applications have AC ripple only during
transient events.
Table 1. Film Capacitor Companies
COMPANY
DIELECTRIC
AVAILABLE CAPACITANCE
TEMPERATURE RANGE
TYPE
Cornell Dublier
Polyester
0.5µF to 10µF
–55°C to 125°C
DME
Dearborn Electronics
Polyester
0.1µF to 12µF
–55°C to 125°C
218P, 430P, 431P, 442P, and 410P
Tecate
Polyester
0.01µF to 18µF
–40°C to 105°C
901, 914, and 914D
Wima
Polyester
10µF to 22µF
–55°C to 100°C
MKS 4, MKS 2-XL
Vishay
Polyester
1000pF to 15µF
–55°C to 125°C
MKT1820
Vishay
Polycarbonate
0.01µF to 10µF
–55°C to 100°C
MKC1862, 632P
Dearborn Electronics
Polyphenylene Sulfide (PPS)
0.01µF to 15µF
–55°C to 125°C
820P, 832P, 842P, 860P, and 880P
Wima
Polyphenylene Sulfide (PPS)
0.01µF to 6.8µF
–55°C to 140°C
SMD-PPS


Similar Part No. - LTC6655BHMS8-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Analog Devices
LTC6655 AD-LTC6655 Datasheet
3Mb / 70P
   Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. B
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
More results

Similar Description - LTC6655BHMS8-3.3PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com