Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-2.5TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT6656AIS6-2.5TRPBF
Description  1關A Precision Series Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-2.5TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT6656AIS6-2.5TRPBF Datasheet HTML 1Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 2Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 3Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 4Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 5Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 6Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 7Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 8Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6656

6656f
Output Voltage Temperature Drift
TEMPERATURE (°C)
–40
2.498
2.499
2.500
2.501
2.502
2.503
–20
0
20
40
6652 TA01b
60
80
38 TYPICAL UNITS
Basic Connection
Typical applicaTion
DescripTion
1µA Precision Series
Voltage Reference
The LT®6656 is a small precision voltage reference that
draws less than 1µA of supply current and can operate
with a supply voltage within 10mV of the output voltage.
The LT6656 offers an initial accuracy of 0.05% and tem-
perature drift of 10ppm/°C. The combined low power and
precision characteristics are ideal for portable and battery
powered instrumentation.
The LT6656 can supply up to 5mA of output drive with
65ppm/mA of load regulation, allowing it to be used as
the supply voltage and the reference input to a low power
ADC. The LT6656 can accept a supply voltage up to 18V
and withstand the reversal of the input connections.
The LT6656 output is stable with 1µF or larger output ca-
pacitanceandoperateswithawiderangeofoutputcapacitor
ESR, ensuring that the LT6656 is simple to use.
This reference is fully specified for operation from –40°C
to 85°C, and is functional over the extreme temperature
range of –55°C to 125°C. Low hysteresis and a consistent
temperature drift are obtained through advanced design,
processing and packaging techniques.
The LT6656 is offered in the 6-lead SOT-23 package.
L
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FeaTures
applicaTions
n
Low Drift
A Grade: 10 ppm/°C Max
B Grade: 20 ppm/°C Max
n
High Accuracy
A Grade: 0.05% Max
B Grade: 0.1% Max
n
Ultralow Supply Current: 850nA
n
High Output Drive Current: 5mA Min
n
Low Dropout Voltage: 10mV Max
n
Fully Specified from –40°C to 85°C
n
Operational from –55°C to 125°C
n
Wide Supply Range to 18V
n
Reverse Input/Output Protection
n
Available Output Voltage Options: 2.5V
For 1.25V, 2.048V, 3V, 3.3V, 4.096V and 5V Options,
Consult LTC Marketing
n
Thermal Hysteresis: 25ppm
n
Low Profile (1mm) ThinSOT™ Package
n
Precision A/D and D/A Converters
n
Portable Gas Monitors
n
Battery- or Solar-Powered Systems
n
Precision Regulators
n
Low Voltage Signal Processing
n
Micropower Remote Sensing
2.510V VIN 18V
0.1 F
1 F
VOUT
2.5V
6656 TA01a
LT6656-2.5


Similar Part No. - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com