Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656AIS6-2.5TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT6656AIS6-2.5TRPBF
Description  1關A Precision Series Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656AIS6-2.5TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6656AIS6-2.5TRPBF Datasheet HTML 3Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 4Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 5Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 6Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 7Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 8Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 9Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 10Page - Linear Technology LT6656AIS6-2.5TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6656

6656f
2.52V
2.50V
VOUT
2.48V
1mA
IOUT
2mA
5ms/DIV
6656 F04
2.52V
2.50V
VOUT
2.48V
0µA
IOUT
100µA
5ms/DIV
6656 F03
applicaTions inForMaTion
Long Battery Life
Series references have a large advantage over shunt style
references. Shunt references require a resistor from the
power supply to operate. This resistor must be chosen
to supply the maximum current that can be demanded by
the load. When the load is not operating at this maximum
current, the shunt reference must always sink this current,
resulting in high dissipation and shortened battery life.
The LT6656 series reference does not require a current
setting resistor and is specified to operate with any sup-
ply from VOUT + 10mV to 18V, depending on the load
current and operating temperature (see Dropout Voltage
in the Typical Performance Characteristics). When the
load does not demand current, the LT6656 reduces its
dissipation and battery life is extended. If the reference
is not delivering load current, it dissipates only a few µW,
yet the same connection can deliver 5mA of load current
when required.
Start-Up
To ensure proper start-up, the output voltage should be
between –0.3V and 2.5V. If the output load may be driven
more than 0.3V below ground, a low forward voltage
schottky diode from the output to ground is required. The
turn-on characteristics can be seen in Figure 1.
Bypass and Load Capacitance
The LT6656 voltage reference needs an input bypass
capacitor of 0.1µF or larger, however, the bypassing of
other local devices may serve as the required component.
Figure 1. Turn-On Characteristics, CL = 1µF
Figure 3. Transient Response, 0µA to 100µA Load Step
(R2 = 24.9k, R1 = Open)
Figure 2. Transient Load Test Circuit
VIN
3V
4
6
2N7000
R2
1, 2
CIN
0.1µF
CL
1µF
VGEN
3V
6656 F02
R1
LT6656-2.5
Figure 4. Transient Response, 1mA to 2mA Load Step
(R1 = R2 = 2.49k)
1V/DIV
VIN
VOUT
1ms/DIV
6656 F01
The output of the device requires a capacitance of 1µF or
larger. With its low sensitivity to ESR, the LT6656 is stable
with a wide variety of capacitor types including ceramic,
tantalum and electrolytic. The test circuit in Figure 2 was
used to test the response and stability of the LT6656 to
various load currents. The resultant transient responses
can be seen in Figure 3 and Figure 4. The large scale out-
put response to a 500mV input step is shown in Figure 5
with a more detailed photo and description in the Output
Settling section.


Similar Part No. - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656AIS6-2.5TRPBF LINER-LT6656AIS6-2.5TRPBF Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
More results

Similar Description - LT6656AIS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
   Precision Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
   Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com