Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6656ACS6-2.5TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6656ACS6-2.5TRPBF
Description  1關A Precision Series Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6656ACS6-2.5TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6656ACS6-2.5TRPBF Datasheet HTML 4Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 5Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 6Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 7Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 8Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 9Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 10Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 11Page - Linear Technology LT6656ACS6-2.5TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT6656
0
6656f
0
2
4
6
MINUTES
8
0
75
150
225
300
6656 F10
10
120s
40s
tP
30s
TP = 260°C
RAMP
DOWN
RAMP TO
150°C
TS = 190°C
T = 150°C
tL
130s
TL = 217°C
TS(MAX) = 200°C
380s
applicaTions inForMaTion
run through the reflow process for 1 cycle and also 3
cycles. The results indicate that the standard deviation
of the output voltage increases with a positive mean shift
of 120ppm. While there can be up to 220ppm of output
voltage shift, additional drift of the LT6656 after IR reflow
does not vary significantly.
PC Board Layout
The mechanical stress of soldering a surface mount volt-
age reference to a PC board can cause the output voltage
to shift and temperature coefficient to change.
To reduce the effects of stress-related shifts, position
the reference near the short edge of the PC board or in a
corner. In addition, slots can be cut into the board on two
sides of the device. See Application Note AN82 for more
information. http://www.linear.com
The input and output capacitors should be mounted close
to the package. The GND and VOUT traces should be as
short as possible to minimize the voltage drops caused
by load and ground currents. Excessive trace resistance
directly impacts load regulation.
Figure 10. Lead Free Reflow Profile Due to IR Reflow
Figure 11. Output Voltage Shift Due to IR Reflow,
Peak Temperature = 260°C
CHANGE IN OUTPUT VOLTAGE (ppm)
0
60
20
7
6
4
2
1
5
3
0
6656 F11
220
180
140
100
VIN = 3V
CL = 1µF
IL = 0
3 CYCLES
1 CYCLE
Typical applicaTions
Regulator Reference
The robust input and output of the LT6656 along with its
high output current make it an excellent precision low
power regulator as well as a reference. The LT6656 would
be a good match with a small, low power microcontroller.
Using the LT6656 as a regulator reduces power consump-
tion, decreases solution size and increases the accuracy
of the microcontroller’s on board ADC.
Microcontroller Reference and Regulator
OUT
IN
C13
0.1µF
C12
10µF
LT6656
3V TO 18V
6656 TA02
PB0/AIN0/AREF/MOSI
MCU
5
PB1/INT0/AIN1/MISO/OC1A
6
PB2/ADC1/SCK/T0/INT0
7
PB3/ADC2
2
PB4/ADC3
3
PB5/RESET/ADC0
1
VCC/VREF
GND


Similar Part No. - LT6656ACS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6656ACS6-2.5TRPBF LINER-LT6656ACS6-2.5TRPBF Datasheet
564Kb / 18P
1關A Precision Series Voltage Reference
More results

Similar Description - LT6656ACS6-2.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
1關A Precision Series Voltage Reference
logo
DATEL, Inc.
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com