![]() |
Electronic Components Datasheet Search |
|
MAX9140EUK-T Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
|
MAX9140EUK-T Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 15 page ![]() Output Stage Circuitry The MAX9140/MAX9141/MAX9142/MAX9144 contain a current-driven output stage as shown in Figure 4. During an output transition, ISOURCE or ISINK is pushed or pulled to the output pin. The output source or sink current is high during the transition, creating a rapid slew rate. Once the output voltage reaches VOH or VOL, the source or sink current decreases to a small value, capable of maintaining the VOH or VOL static condition. This significant decrease in current con- serves power after an output transition has occurred. One consequence of a current-driven output stage is a linear dependence between the slew rate and the load capacitance. A heavy capacitive load will slow down a voltage output transition. This can be useful in noise- sensitive applications where fast edges may cause interference. Applications Information Circuit Layout and Bypassing The high-gain bandwidth of the MAX9140/MAX9141/ MAX9142/MAX9144 requires design precautions to realize the full high-speed capabilities of these com- parators. The recommended precautions are: 1) Use a PCB with a good, unbroken, low-induc- tance ground plane. 2) Place a decoupling capacitor (a 0.1µF ceramic capacitor is a good choice) as close to VCC as possible. 3) Pay close attention to the decoupling capacitor’s bandwidth, keeping leads short. 4) On the inputs and outputs, keep lead lengths short to avoid unwanted parasitic feedback around the comparators. 5) Solder the device directly to the PCB instead of using a socket. 40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators 8 _______________________________________________________________________________________ VOH tLPW OUT tLPD tPD VCC 0 VCC 2 VCC 2 VOL LE DIFFERENTIAL INPUT VOLTAGE VOS VOD tH tS MAX9140 MAX9141 MAX9142 MAX9144 4.1kΩ 4.1kΩ TO INTERNAL CIRCUITRY TO INTERNAL CIRCUITRY IN– IN+ Figure 3. Input Stage Circuitry Figure 2. MAX9141 Timing Diagram with Latch Operator |
Similar Part No. - MAX9140EUK-T |
|
Similar Description - MAX9140EUK-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |