![]() |
Electronic Components Datasheet Search |
|
MAX9140EUK-T Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
|
MAX9140EUK-T Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 15 page ![]() Detailed Description The MAX9140/MAX9141/MAX9142/MAX9144 single- supply comparators feature internal hysteresis, high speed, and low power. Their outputs are pulled to with- in 300mV of either supply rail without external pullup or pulldown circuitry. Rail-to-rail input voltage range and low-voltage single-supply operation make these devices ideal for portable equipment. The MAX9140/MAX9141/MAX9142/MAX9144 interface directly to CMOS and TTL logic. Most high-speed comparators oscillate in the linear region because of noise or undesired parasitic feed- back. This tends to occur when the voltage on one input is at or equal to the voltage on the other input. To counter the parasitic effects and noise, the MAX9140/ MAX9141/MAX9142/MAX9144 have an internal hystere- sis of 1.5mV. The hysteresis in a comparator creates two trip points: one for the rising input voltage and one for the falling input voltage (Figure 1). The difference between the trip points is the hysteresis. The average of the trip points is the offset voltage. When the comparator’s input volt- ages are equal, the hysteresis effectively causes one comparator input voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. Standard comparators require hys- teresis to be added with external resistors. The MAX9140/MAX9141/MAX9142/MAX9144’s fixed internal hysteresis eliminates these resistors. To increase hys- teresis and noise margin even more, add positive feed- back with two resistors as a voltage divider from the output to the noninverting input. Figure 1 illustrates the case where IN- is fixed and IN+ is varied. If the inputs were reversed, the figure would look the same, except the output would be inverted. The MAX9141 includes an internal latch that allows storage of comparison results. The L — E pin has a high input impedance. If L — E is high, the latch is transparent (i.e., the comparator operates as though the latch is not present). The comparator's output state is latched when L — E is pulled low (Figure 2). Shutdown Mode (MAX9141 Only) The MAX9141 shuts down when the – S — H — D — N – pin is low. When shut down, the supply current drops to less than 12µA, and the three-state output becomes high imped- ance. The – S — H — D — N – pin has a high-input impedance. Connect S — H — D — N – to VCC for normal operation. Exit shut- down with L — E high (transparent state); otherwise, the output will be indeterminate. Input Stage Circuitry The MAX9140/MAX9141/MAX9142/MAX9144 include internal protection circuitry that prevents damage to the precision input stage from large differential input volt- ages. This protection circuitry consists of two back-to- back diodes between IN+ and IN- as well as two series 4.1kΩ resistors (Figure 3). The diodes limit the differen- tial voltage applied to the internal circuitry of the com- parators to be no more than 2VF, where VF is the for- ward voltage drop of the diode (about 0.7V at +25°C). For a large differential input voltage (exceeding 2VF), this protection circuitry increases the input bias current at IN+ (source) and IN- (sink). Input Current = (IN+ - IN-) - 2VF 2 x 4.1kΩ Input current with large differential input voltages should not be confused with input bias current (IB). As long as the differential input voltage is less than 2VF, this input current is equal to IB. The output is in the cor- rect logic state if one or both inputs are within the com- mon-mode range. 40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators _______________________________________________________________________________________ 7 VTRIP+ VHYST VTRIP- COMPARATOR OUTPUT VOH VOL VTRIP+ + VTRIP- 2 VOS = VIN- = 0 VIN+ Figure 1. Input and Output Waveform, Noninverting Input Varied |
Similar Part No. - MAX9140EUK-T |
|
Similar Description - MAX9140EUK-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |