Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9140AAXK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9140AAXK
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9140AAXK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9140AAXK Datasheet HTML 1Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 2Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 3Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 4Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 5Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 6Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 7Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 8Page - Maxim Integrated Products MAX9140AAXK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VCM = 0V, SHDN = LE = VCC (MAX9141 only), CL = 15pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Note 1:
All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2:
Inferred from PSRR test.
Note 3:
Inferred from CMRR test. Note also that either or both inputs can be driven to the absolute maximum limit (0.3V beyond either
supply rail) without damage or false output inversion.
Note 4:
VOS is defined as the center of the input-referred hysteresis zone. See Figure 1.
Note 5:
The input-referred trip points are the extremities of the differential input voltage required to make the comparator output
change state. The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis
zone. See Figure 1.
Note 6:
The polarity of IB reverses direction as VCM approaches either supply rail.
Note 7:
Specified over the full common-mode voltage range (VCMR).
Note 8:
Specification is for current flowing into or out of the output pin for VOUT driven to any voltage from VCC to GND while the part is
in shutdown.
Note 9:
Specified between any two channels in the MAX9142/MAX9144.
Note 10:
Specified as the difference between tPD+ and tPD- for any one comparator.
Note 11:
Applies to the MAX9141 only for both SHDN and LE.
Note 12:
Applies to the MAX9141 only. Comparator is active with LE driven high and is latched with LE driven low (VOD = 10mV). See
Figure 2.
Note 13:
Applicable to the MAX9141 only. Comparator is active with the SHDN driven high and is shutdown with SHDN driven low.
Shutdown enable time is the delay when the SHDN is driven high to the time the output is valid. Shutdown disable time is the
delay when the SHDN is driven low to the time the comparator shuts down.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9141
165
275
MAX9140,
TA = -40°C to +85°C
150
250
MAX9140AA_ _
360
VCM = VCC = 3V
MAX9142/MAX9144
150
250
MAX9141
200
320
MAX9140,
TA = -40°C to +85°C
165
300
MAX9140AA_ _
400
VCM = VCC = 5V
MAX9142/MAX9144
165
300
Supply Current (Per Comparator)
ICC
MAX9141 only, SHDN = GND;
VCC = VCM = 3V
12
30
µA
Propagation Delay
tPD+,
tPD-
VCC = 3V, VOD = 10mV
40
ns
Differential Propagation Delay
dtPD
VOD = 10mV (Note 9)
2
ns
Propagation Delay Skew
VOD = 10mV (Note 10)
2
ns
Logic Input-Voltage High
VIH
(Note 11)
(VCC/2)
+0.4
VCC/2
V
Logic Input-Voltage Low
VIL
(Note 11)
VCC/2
(VCC/2)
-0.4
V
Logic Input Current
IIL, IIH
VLOGIC = 0 to VCC (Note 11)
2
10
µA
Data-to-Latch Setup Time
tS
(Note 12)
16
ns
Latch-to-Data Hold Time
tH
(Note 12)
16
ns
Latch Pulse Width
tLPW
(Note 12)
45
ns
Latch Propagation Delay
tLPD
(Note 12)
60
ns
Shutdown Enable Time
(Note 13)
1
µs
Shutdown Disable Time
(Note 13)
5
µs


Similar Part No. - MAX9140AAXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140-MAX9144 MAXIM-MAX9140-MAX9144 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EUK-T MAXIM-MAX9140EUK-T Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EXK-T MAXIM-MAX9140EXK-T Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results

Similar Description - MAX9140AAXK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
logo
Linear Technology
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com