Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9140AAXK+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9140AAXK+T
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9140AAXK+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9140AAXK+T Datasheet HTML 1Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 2Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 3Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 4Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 5Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 6Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 7Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 8Page - Maxim Integrated Products MAX9140AAXK+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VCM = 0V, SHDN = LE = VCC (MAX9141 only), CL = 15pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Ranges
Supply Voltage (VCC to GND)...........................................+6V
Differential Input Voltage .......................-0.3V to (VCC + 0.3V)
Common-Mode Input Voltage to GND ..-0.3V to (VCC + 0.3V)
LE Input Voltage (MAX9141 only) .........-0.3V to (VCC + 0.3V)
SHDN Input Voltage (MAX9141 only)....-0.3V to (VCC + 0.3V)
Current into Input Pins ......................................................±20mA
Input/Output Short-Circuit Duration to
VCC or GND .....................................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) .............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)...........571mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C)...........727mW
8-Pin SO (derate 5.9mW/°C above +70°C)..............470.6mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ........727mW
14-Pin SO (derate 8.33mW/°C above +70°C)..........666.7mW
Operating Temperature Range
E grade ...........................................................-40°C to +85°C
A grade .........................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VCC
(Note 2)
2.7
5.5
V
Input Voltage Range
VCMR
(Note 3)
-0.2
VCC +
0.2
V
TA = +25°C
0.5
2.0
TA = -40°C to +85°C
4.5
Input Offset Voltage
VOS
(Note 4)
MAX9140AA_ _
6.0
mV
Input Hysteresis
VHYST
(Note 5)
1.5
mV
TA = -40°C to +85°C
90
320
Input Bias Current
IB
(Note 6)
MAX9140AA_ _
350
nA
TA = -40°C to +85°C
8
120
Input Offset Current
IOS
MAX9140AA_ _
140
nA
TA = -40°C to +85°C
80
800
Common-Mode Rejection Ratio
CMRR
VCC = 5.5V
(Note 7)
MAX9140AA_ _
850
µV/V
TA = -40°C to +85°C
80
750
Power-Supply Rejection Ratio
PSRR
2.7V ≤ VCC
5.5V
MAX9140AA_ _
800
µV/V
TA = -40°C to +85°C
VCC -
0.425
VCC -
0.3
Output High Voltage
VOH
ISOURCE = 4mA
MAX9140AA_ _
VCC - 0.47
V
TA = -40°C to +85°C
0.3
0.425
Output Low Voltage
VOL
ISINK = 4mA
MAX9140AA_ _
0.45
V
Output Leakage Current
ILEAK
SHDN = GND, MAX9141 only (Note 8)
0.04
1
µA


Similar Part No. - MAX9140AAXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140-MAX9144 MAXIM-MAX9140-MAX9144 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EUK-T MAXIM-MAX9140EUK-T Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EXK-T MAXIM-MAX9140EXK-T Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results

Similar Description - MAX9140AAXK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com