Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9140 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9140
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9140 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9140_10 Datasheet HTML 1Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 2Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 3Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 4Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 5Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 6Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 7Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 8Page - Maxim Integrated Products MAX9140_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9140/MAX9141 are single and the MAX9142/
MAX9144 are dual/quad high-speed comparators opti-
mized for systems powered from a 3V or 5V supply. The
MAX9141 features latch enable and device shutdown.
These devices combine high speed, low power, and
rail-to-rail inputs. Propagation delay is 40ns, while sup-
ply current is only 150µA per comparator.
The input common-mode range of the MAX9140/
MAX9141/MAX9142/MAX9144 extends beyond both
power-supply rails. The outputs pull to within 0.3V of
either supply rail without external pullup circuitry, mak-
ing these devices ideal for interface with both CMOS
and TTL logic. All input and output pins can tolerate a
continuous short-circuit fault condition to either rail.
Internal hysteresis ensures clean output switching, even
with slow-moving input signals.
The MAX9140/MAX9141/MAX9142/MAX9144 are high-
er-speed, lower-power, and lower-cost upgrades to
industry-standard comparators MAX941/MAX942/
MAX944.
The MAX9140 are offered in tiny 5-pin SC70 and SOT23
packages. The MAX9141 and MAX9142 are available in
8-pin SOT23 and SO packages, while the MAX9144 is
available in both 14-pin SO and TSSOP packages.
Applications
Line Receivers
Battery-Powered Systems
Threshold Detectors/Discriminators
3V/5V Systems
Zero-Crossing Detectors
Sampling Circuits
Features
♦ Fast, 40ns Propagation Delay (10mV Overdrive)
♦ Low Power
150µA Supply Current Per Comparator (3V)
♦ Optimized for 3V and 5V Applications
♦ Rail-to-Rail Input Voltage Range
♦ Low, 500µV Offset Voltage
♦ Internal Hysteresis for Clean Switching
♦ Outputs Swing 300mV of Power Rails
♦ CMOS/TTL-Compatible Outputs
♦ Output Latch (MAX9141 Only)
♦ Shutdown Function (MAX9141 Only)
♦ Available in SC70 and SOT23 Packages
Ordering Information
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
N.C.
OUT
GND
LE
SHDN
IN-
IN+
VCC
VCC
VCC
SOT23/SO
1
2
3
4
8
7
6
5
OUTB
INB-
INB+
GND
INA+
INA-
OUTA
MAX9142
SOT23/SO
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
GND
INA+
INA-
OUTA
INC+
INC-
OUTC
OUTB
INB-
INB+
TSSOP/SO
MAX9141
MAX9144
TOP VIEW
A
B
AD
BC
GND
IN-
IN+
15
VCC
OUT
SC70/SOT23
2
34
MAX9140
Pin Configurations
19-2064; Rev 3; 1/10
PART*
PIN-PACKAGE
TOP MARK
MAX9140AAUK+T
5 SOT23
+AFEJ
MAX9140AAXK+T
5 SC70
+ASW
MAX9140AAXK/V+T
5 SC70
+AUG
MAX9140EXK-T
5 SC70
ACC
MAX9140EUK-T
5 SOT23
ADQP
MAX9141EKA-T
8 SOT23
AAFD
MAX9141ESA
8 SO
MAX9142EKA-T
8 SOT23
AAFE
MAX9142ESA
8 SO
MAX9144EUD
14 TSSOP
MAX9144ESD
14 SO
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: All E-grade devices are specified over the -40°C to +85°C
operating temperature range. All A-grade devices are specified
over the -40°C to +125°C operating temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
-
Denotes a package containing lead(Pb).
T = Tape and reel.
/V denotes an automotive qualified part.


Similar Part No. - MAX9140_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140-MAX9144 MAXIM-MAX9140-MAX9144 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EUK-T MAXIM-MAX9140EUK-T Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX9140EXK-T MAXIM-MAX9140EXK-T Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results

Similar Description - MAX9140_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com