Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCFC1TD100 Datasheet(PDF) 1 Page - Dubilier

Part # DBCFC1TD100
Description  FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCFC1TD100 Datasheet(HTML) 1 Page - Dubilier

  DBCFC1TD100 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
309
FUSES
5x20mm CERAMIC FUSES - QUICK BLOW
OUTLINE DRAWING
DBC
FC 1QB
100
Dubilier
Connectors
Series
FC1QB=Fuse
Ceramic5x20mm
QuickBlow
Rating
100mA
125mA
160mA
200mA
250mA
315mA
400mA
500mA
630mA
800mA
1A
1.25A
1.6A
2A
2.5A
3.15A
4A
5A
6.3A
7.5A
8A
10A
12.5A
Quick blow
Ceramic cartridge, nickel plated end caps
High break capacity 1500A/250V
Approvals: SEMKO, VDE, UL, BSI
20±0.5
10±0.2
5.2±0.2
ORDERING INFORMATION
Time delay
Ceramic cartridge, nickel plated end caps
High break capacity 1500A/250V
Approvals: SEMKO, VDE, UL, BSI
FUSES
5x20mm CERAMIC FUSES - TIME DELAY
OUTLINE DRAWING
20±0.5
10±0.2
5.2±0.2
ORDERING INFORMATION
DBC
FC 1TD
100
Dubilier
Connectors
Series
FC1TD=Fuse
Ceramic5x20mm
TimeDelay
Rating
100mA
125mA
160mA
200mA
250mA
315mA
400mA
500mA
630mA
800mA
1A
1.25A
1.6A
2A
2.5A
3.15A
4A
5A
6.3A
7.5A
8A
10A
12.5A


Similar Part No. - DBCFC1TD100

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1QB125 DUBILIER-DBCFC1QB125 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1QB160 DUBILIER-DBCFC1QB160 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1QB200 DUBILIER-DBCFC1QB200 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1QB250 DUBILIER-DBCFC1QB250 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
More results

Similar Description - DBCFC1TD100

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFC2TD100 DUBILIER-DBCFC2TD100 Datasheet
94Kb / 1P
   FUSES 1 x CERAMIC FUSES - QUICK BLOW
logo
CamdenBoss Ltd.
CFB0521CT CAMDENBOSS-CFB0521CT Datasheet
1Mb / 1P
   5x20mm ceramic fuses
CFB0521CF CAMDENBOSS-CFB0521CF Datasheet
1Mb / 1P
   5x20mm ceramic fuses
logo
Dubilier
DBCFG2QB100 DUBILIER-DBCFG2QB100 Datasheet
96Kb / 1P
   FUSES 1 x 1 GLASS FUSES - QUICK BLOW
DBCFC2QB100 DUBILIER-DBCFC2QB100 Datasheet
94Kb / 1P
   FUSES 1 x CERAMIC FUSES - QUICK BLOW 1/4 1/4
DBCFG3TD1 DUBILIER-DBCFG3TD1 Datasheet
75Kb / 1P
   FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
DBCFG3QB1 DUBILIER-DBCFG3QB1 Datasheet
75Kb / 1P
   FUSES 1 x 1/4 GLASS FUSES - QUICK BLOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com