Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT1303-HR-A Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT1303-HR-A
Description  Ultra Bright LEDs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT1303-HR-A Datasheet(HTML) 1 Page - Marktech Corporate

  MT1303-HR-A Datasheet HTML 1Page - Marktech Corporate MT1303-HR-A Datasheet HTML 2Page - Marktech Corporate MT1303-HR-A Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SELECTOR GUIDE
Part Number
Dice
Lens Color / Type
Pack Size
View Angle 2
θ 1/2
MT1303-HR-A
Orange Red
Water Clear
3mm Round 08° - 36°
35 °
ELECTRICAL / OPTICAL CHARACTERISTICS AT TA=25°C
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
Orange Red
-
1.90
2.40
V
20mA
Reverse Current
IR
Orange Red
-
-
100
μA
5V
Luminous Intensity
IV
Orange Red
300.00
800.00
-
mcd
20mA
Peak Wavelength
λpeak
Orange Red
-
632
-
nm
20mA
Dominant Wavelength
λD
Orange Red
-
624
-
nm
20mA
Spectral Line Half-Width
∆λ1/2
Orange Red
-
20
-
nm
20mA
ABSOLUTE MAXIMUM RATINGS AT TA=25°C
Parameter
Rating
Units
Forward Current ( IF )
30
mA
Power Dissipation ( PD )
72.00
mW
Reverse Voltage ( VR )
5
V
Operating Temperature ( TOPR )
-25 ~ +85
°C
Storage Temperature ( TSTG )
-40 ~ +100
°C
Lead Solder Temperature ( TSOL ) 260
@ for 5 sec. max
1. All Dimensions Are In Millimeters (inches).
2. Tolerance Is +-0.25(0.01") Unless Otherwise Noted.
3. Specifications Are Subject To Change Without Notice.
Marktech Optoelectronics | 3 Northway Lane North | Latham, NY 12110 | www.marktechopto.com
Page 1 of 3
MT1303-HR-A (Water Clear) - Ultra Bright LEDs


Similar Part No. - MT1303-HR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1303-UHR MARKTECH-MT1303-UHR Datasheet
379Kb / 2P
Ultra Bright Red 3mm LED
More results

Similar Description - MT1303-HR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
183Kb / 3P
Ultra Bright LEDs
MT0318-WH-A MARKTECH-MT0318-WH-A Datasheet
187Kb / 3P
Ultra Bright LEDs
MT1363-UHR-A MARKTECH-MT1363-UHR-A Datasheet
174Kb / 3P
Ultra Bright LEDs
MT2303-UG-A MARKTECH-MT2303-UG-A Datasheet
128Kb / 3P
Ultra Bright LEDs
MT2363-G-A MARKTECH-MT2363-G-A Datasheet
174Kb / 3P
Ultra Bright LEDs
MT3303-Y-A MARKTECH-MT3303-Y-A Datasheet
173Kb / 3P
Ultra Bright LEDs
MT3363A-UY-A MARKTECH-MT3363A-UY-A Datasheet
182Kb / 3P
Ultra Bright LEDs
MT7118-UR-A MARKTECH-MT7118-UR-A Datasheet
179Kb / 3P
Ultra Bright LEDs
MT7303-UR-A MARKTECH-MT7303-UR-A Datasheet
180Kb / 3P
Ultra Bright LEDs
MT315B-UGTR MARKTECH-MT315B-UGTR Datasheet
469Kb / 1P
ULTRA BRIGHT LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com