Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRGP400200 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP400200
Description  Low-profile and Hollow Shaft Surface Mount Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP400200 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SRGP400200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP400200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP400200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Encoder
Type
Potentiometer
Type
447
Hollow Shaft
Type Devices
Type
Series
List of Varieties
SRGP30
SRGP40
17mm size
Hollow type
SRGP20
22mm size
SRGPWJ
30mm size
F The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Note
Soldering
Dimensions
(mm)
Shaft types
Operating direction
Number of pulse/
Number of detent
Push switch
(Travel mm)
Optional
functions
W
D
H
Manual soldering
Photo
Output
Changeover angle
Dip soldering
Reflow soldering
Maximum operating current
(Resistive load)
Incremental
450
451
17.5
18.5
18.25
2.3
1.55
20°
15°
Without
9/18
12/24
Vertical
Hollow shaft
23.6
23
4.5
452
10/20
18°
–10
℃ to +60℃
–40
℃ to +85℃
7
±3mN・m
40N
85
±2℃ for 96h
40
±2℃, 90 to 95%RH for 96h
5
±2.5mN・m
20N
–40
±2℃ for 96h
–20
±2℃ for 96h
350±5℃, 3s max.
350±10℃, 3
s max.
+1
0
Terminal strength
Vibration
Actuator
strength
Rotational direction
Push direction
Please see P.198
100M
Ω min. 100V DC
100V AC for 1minute
5N for 1minute
350±10℃, 3
s
+1
0
260
±5℃, 5±1s
1V max.
at 5V DC,1mA
(resistive load)
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z for 2 hours respectively
2
±1mN・m
3.5
±1mN・m
Page
Voltage proof
Output wave
Rotational torque
Cold
Dry heat
Damp heat
Insulation resistance
22.5
°
31.8
32
16
/16
16
/32
13
±4mN・m
6.5
±4mN・m
Measuring
terminal
Measuring
circuit
5V
5K½
Hollow Shaft Type Devices


Similar Part No. - SRGP400200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Gulf Semiconductor
SRGP10Q GULFSEMI-SRGP10Q Datasheet
75Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1200V CURRENT: 1.0A
logo
ALPS ELECTRIC CO.,LTD.
SRGP200200 ALPS-SRGP200200 Datasheet
124Kb / 3P
Hollow Shaft Type
SRGP30 ALPS-SRGP30 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP300100 ALPS-SRGP300100 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
More results

Similar Description - SRGP400200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGP30 ALPS-SRGP30 Datasheet
143Kb / 3P
Low-profile and Hollow Shaft Surface Mount Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
EC10E ALPS-EC10E_15 Datasheet
731Kb / 3P
10mm Size Hollow Shaft Type
EC05E ALPS-EC05E Datasheet
207Kb / 4P
5mm Size Hollow Shaft Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
5mm Size Hollow Shaft Type
EC10E ALPS-EC10E Datasheet
108Kb / 2P
10mm Size Hollow Shaft Type
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
logo
TE Connectivity Ltd
2360964-1 TEC-2360964-1 Datasheet
149Kb / 2P
HOLLOW SHAFT RESOLVER
2367234-1 TEC-2367234-1 Datasheet
163Kb / 2P
HOLLOW SHAFT RESOLVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com