Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-6194 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCA-6194
Description  LGA775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor Card with IPMI/VGA/Dual GbE LAN (FSB 1066/800 MHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCA-6194 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCA-6194 Datasheet HTML 1Page - Advantech Co., Ltd. PCA-6194 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
PCA-6194
Ordering Information
Part Number
VGA
Gigabit LAN
PCA-6194G2-00A1E
Yes
Dual
PCA-6194VG-00A1E
Yes
Single
PCA-6194VG-00A1E
PCA-6194G2-00A1E
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
x 1
1701400452
IDE HDD cable
x 1
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 2
170304015K
ATX 12 V power converter cable
x 1
1701260305
Printer + COM cable
x 1
1700060202
Y cable for PS/2 mouse & keyboard
x 1
9689000068
Jumper pack
x 1
-
Startup manual
x 1
-
Utility CD
x 1
1700008461
USB cable with 4 ports
x 1
1701092300
Dual COM port cable kit
(Dual LAN port version only)
x 1
1700000821
DVI Cable (PCA-6194F, PCA-6194G2-D0 only)
x 1
Accessories
Part Number
Description
1750000332
CPU cooler for LGA775 Pentium 4 processor up to
3.8 GHz (15 W), for 2U or higher chassis
1750001661
CPU cooler for LGA775 Pentium 4 processor up to
3.4 GHz (84 W), for 2U or higher chassis
Bracket View
LGA775 Processor
DDR2 533/667/800
DDR2 533/667/800
Channel A
G-LAN1: Intel
GLCI
G-LAN2: Intel
PCI to ISA Bridge
ITE8888
PCIe X1
Q965 GMCH
ICH8DO
Backplane
LPC Bus
IPMI
I/F
Super IO
Winbond
W83627HF
CH7307C
CRT
JM368
DVI (Optional)
SDVO
PCIe x 1
1 EIDE port
6 SATA 2 ports
300MB/s
6 USB Ports
USB 2.0/1.1
BIOS
SPI
Interface to Audio
Codec
HD Audio
DDR2 533/667/800
DDR2 533/667/800
Channel B


Similar Part No. - PCA-6194

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCA-6190-A2 ADVANTECH-PCA-6190-A2 Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCA-6190G2-00A2E ADVANTECH-PCA-6190G2-00A2E Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCA-6190G2-D0A2E ADVANTECH-PCA-6190G2-D0A2E Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCA-6190VG-00A2E ADVANTECH-PCA-6190VG-00A2E Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
More results

Similar Description - PCA-6194

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
IMBA-880 AAEON-IMBA-880 Datasheet
405Kb / 2P
   Intel짰 Core??2 Duo/ Pentium짰 4/ Celeron짰 D LGA775 Processor (533/800/1066 MHz FSB)
logo
Advantech Co., Ltd.
PCA-6186-B ADVANTECH-PCA-6186-B Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
AIMB-562 ADVANTECH-AIMB-562 Datasheet
326Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
21-Nov-2008
AIMB-562 ADVANTECH-AIMB-562_10 Datasheet
328Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
PCA-6187-A2 ADVANTECH-PCA-6187-A2 Datasheet
357Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN/SCSI
PCA-6190-A2 ADVANTECH-PCA-6190-A2 Datasheet
299Kb / 1P
   LGA775 Pentium짰 4 SBC with VGA/Dual GbE LAN/DVI
PCE-5120-A2E ADVANTECH-PCE-5120-A2E Datasheet
365Kb / 2P
   LGA775 Core??2 Duo Processor Card with PCI Express/VGA/Dual GbE LAN
AIMB-762 ADVANTECH-AIMB-762_12 Datasheet
1Mb / 2P
   LGA775 Pentium짰 D/Pentium 4/Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
logo
AAEON Technology
IMBA-910 AAEON-IMBA-910 Datasheet
431Kb / 2P
   Intel짰 Core??2 Duo Processor, FSB 533/800/1066 MHz
logo
Advantech Co., Ltd.
AIMB-763 ADVANTECH-AIMB-763 Datasheet
209Kb / 2P
   Intel짰 LGA775 Core??2 Duo/Pentium짰 4/ATX with VGA, 4 COM, SW RAID, and Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com