Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC-3951 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3951
Description  6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3951 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3951 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
All product specifications are subject to change without notice
Last updated : 1-Mar-2007
RoHS
COMPLIANT
2002/95/EC
Recommended Configurations
PMC Carrier Board
PMC Module
MIC-3951
MIC-3665-AE
MIC-3665-BE
Ordering Information
Part Number
Description
MIC-3951-AE
6U CompactPCI dual PMC carrier board (64-bit/66 MHz)
Note: Please contact your local distributor for more information on CMC solution
Introduction
The MIC-3951 is a 6U CompactPCI carrier board for PCI Mezzanine Cards (PMC) modules. It provides two 64-bit PMC sites for easy CompactPCI system
expansion through different PMC modules. An Intel® 21154 PCI-to-PCI bridge chip is used in the MIC-3951 for CompactPCI bus expansion and decreases
the CompactPCI bus loading to one, in addition to meeting industry requirements. Advantech provides several PMC modules that work in conjunction with the
MIC-3951, such as the inclusive 10/100 Ethernet module and Gigabit module. In addition to being compatible with Advantech CompactPCI products, the MIC-3951 can also be used
with other standardized, off-the-shelf modules from other manufacturers.
Specifications
Bus
PCI
From 32-bit/33 MHz up to 64-bit/66 MHz
PCI-to-PCI Bridge
Intel 21154
Power
Power Consumption
2.2 W @ 64 bit/66 MHz (670 mA @ +3.3 V)
Environment
Operating
Non-Operating
Temperature
0 ~ 60 °C (32 ~ 140 °F)
-20 ~ 80 °C (-4 ~ 176 °F)
Humidity
-
5 ~ 95 % @ 60 C, non-condensing
Vibration (5 ~ 500 Hz)
1.0 Grms
2.0 G
Physical Characteristics
Dimensions (W x D)
233.35 x 160 mm (9.2" x 6.3"), 1-slot width
Weight
0.5 Kg (1.10 lb)
Reliability
Mean-Time-To-Repair (MTTR)
5 minutes
Compliance
PICMG 2.0 R3.0 CompactPCI Specification
PICMG 2.3 R1.0 CompactPCI PMC I/O Mapping Specification
IEEE P1386.1 R2.3 PMC Specification
MIC-3951
6U CompactPCI® Dual PMC or CMC
Carrier Board (64-bit/66 MHz)
PCI-to-PCI
bridge
Two PMC
sites for
PMC or CMC
module
 64-bit, 66 MHz CompactPCI® interface
 Supports dual PMC module
 Onboard PCI-to-PCI bridge
 Compliant with CMC specification


Similar Part No. - MIC-3951

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3953-AE ADVANTECH-MIC-3953-AE Datasheet
392Kb / 1P
   3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
   3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
   3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
MIC-3954 ADVANTECH-MIC-3954 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
612Kb / 2P
   3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results

Similar Description - MIC-3951

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3960 ADVANTECH-MIC-3960 Datasheet
126Kb / 1P
   6U CompactPCI짰 Media Carrier Board
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
   6U CompactPCI짰 PCI Carrier Board
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
   3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-3312 ADVANTECH-MIC-3312 Datasheet
463Kb / 2P
   6U CompactPCI짰 Extension Board for MIC-3393
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
   6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
   6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
   6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3309 ADVANTECH-RIO-3309 Datasheet
567Kb / 2P
   6U CompactPCI짰 Rear Transition Boards
logo
List of Unclassifed Man...
CPCI-6615 ETC2-CPCI-6615 Datasheet
498Kb / 2P
   PCI-X 64-bit/133MHz PMC slot
logo
Advantech Co., Ltd.
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
   6U OpenVPX MXM carrier
17-Jun-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com