Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIO-3120 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIO-3120
Description  Mini PCI to 4 COM Module Mini PCI Interface to Dual LAN Communication Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-3120 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIO-3120 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Stackable SBCs
All product specifications are subject to change without notice
Last updated : 7-Feb-2007
MIO-3110
MIO-3120
MIO-3110
MIO-3120
Specifications
NEC µPD720101 USB 2.0 Host Controller
Provides four USB Ports
Supports both USB 2.0 & USB 1.1 devices
Support 5V DC power
Mini PCI Type III Interface
Compliant with PCM-95XX series with Mini PCI I/O
Ordering Information
MIO-3110-00A1E
Mini PCI to USB interface connection hub
Packing List
1 x MIO-3110 Mini PCI
1 x CABLE USB 4PORTS/10P-2.0MM*2 30.5CM
(p/n: 1700000601)
1 x Startup Manual
1 x Utility CD
Specifications
VIA Networking VT6655 chipset
802.11b/g WLAN module enables high-speed up to 54 Mbps
Frequency Band:
2400-2483.5 MHz (for US, Canada)
2400-2483.5 MHz (for Europe)
2400-2497 MHz (for Japan)
Compliant with PCM-95XX series with Mini PCI I/O
Ordering Information
MIO-3120-00A1E
Mini PCI interface to Wireless 802.11 b/g
communication module
Packing List
1 x MIO-3120 Mini PCI
1 x Startup Manual
1 x Utility CD
Optional Accessories
1700000968
Cable SMA MHF 40cm
1700001943
Cable SMA MHF 23cm
96890006A0
PURCH 1/4 Dipole Antenna
NEW
NEW
Mini PCI to USB Interface Connection Hub
Mini PCI Interface to Wireless 802.11 b/g
Communication Module


Similar Part No. - MIO-3120

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3121 ADVANTECH-MIO-3121 Datasheet
134Kb / 1P
Mini PCI to 4 COM Module Mini PCI Interface to Dual LAN Communication Module
More results

Similar Description - MIO-3120

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3121 ADVANTECH-MIO-3121 Datasheet
134Kb / 1P
Mini PCI to 4 COM Module Mini PCI Interface to Dual LAN Communication Module
MIO-3131 ADVANTECH-MIO-3131 Datasheet
95Kb / 1P
Mini PCI Interface to Single Giga LAN Communication Module
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
AAEON Technology
PER-C20U AAEON-PER-C20U Datasheet
286Kb / 1P
Mini PCI USB 2.0 Module
PER-C20N AAEON-PER-C20N Datasheet
151Kb / 1P
Mini PCI Dual CAN Module
PER-C40C AAEON-PER-C40C Datasheet
181Kb / 1P
Mini PCI Module With 4 RS-232 COM Ports
PER-V05V AAEON-PER-V05V Datasheet
138Kb / 1P
Mini PCI Video Module
9741666646 AAEON-9741666646 Datasheet
149Kb / 1P
Mini-PCI Interface
logo
Axiomtek Co., Ltd.
AX92906 AXIOMTEK-AX92906_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with COM
logo
Infineon Technologies A...
AN983B INFINEON-AN983B Datasheet
4Mb / 116P
PCI/Mini PCI-to-Ethernet LAN; PQFP - 128Pin
Data Sheet, Rev. 1.81, Dec. 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com