Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIMB-742-L Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-742-L
Description  Socket 478 Pentium짰 4/Celeron짰 Industrial ATX Motherboard with Dual DDR/Dual Ethernet LAN(400/533/800 MHz FSB)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-742-L Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-742-L Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-742-L Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Advantech may make changes to specifications and product descriptions at any time, without notice.
Last Updated: 2004-11-05
www.advantech.com/products
Online Download
Block Diagram
Specifications
Processor System
CPU
Intel Pentium 4
Intel Celeron
Max. Speed
3.06 GHz (533 FSB)
3.4 GHz (800 FSB)
2.8 GHz
L2 Cache
1024/512KB
256/128KB
Chipset
Intel® 865GV + ICH5
BIOS
Award 4 Mb FWH
Bus
Front Side Bus
400/533/800 MHz
AGP
None
PCI
32-bit/33 MHz, 5 slots (1 shared with ISA slot)
ISA
16-bit/8 MHz, 2 slots
Memory
Technology
Dual channel DDR266/333/400 SDRAM
Max. Capacity
4 GB
Socket
184-pin DIMM x 4
Graphic
Controller
Chipset integrated VGA controller
VRAM
Dynamically shared system memory up to 64 MB
Ethernet
Interface
10/100Base-T
Controller
LAN 1: Intel 82562EZ
LAN 2: Intel 82551QM
Connector
RJ-45 x 2
SATA
Max. Data Transfer Rate
150MB/Sec
Channel
2
EIDE
Mode
ATA 100/66/33
Channel
2 (Max. 4 devices)
I/O Interface
VGA
1
USB
Max. 8 (USB 2.0 compliant), 4 ports on board
Audio
2 (LINE-Out and MIC-In)
Serial
2 (RS-232)
Parallel
1 (SPP/EPP/ECP)
FDD
1
PS/2
2 (Keyboard and Mouse)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1~255 sec.
Miscellaneous
Solid State Disk
1 Type I/II CompactFlash socket
(Optional, upon request)
Power Requirement
Typical
Pentium 4 3.4GHz, 2GB DDR400 SDRAM
+3.3 V
+5 V
5VSBY
+12 V
9.31A
0.71A
0.5A
9.77A
Environment
Temperature
Operating
Non-Operating
0 ~ 60 ºC (32 ~ 140 ºF), depends on CPU’s speed
-20 ~ 70 ºC (-4 ~ 158 ºF)
Physical
Dimensions
304.8 x 228.6 mm (12” x 9”)
§ Industrial grade motherboard with long life support
§ Supports up to 2 Serial ATA devices
§ Supports dual channel DDR 400 SDRAM
§ Intel® 865GV chipset 400/533/800 MHz FSB
§ Supports 10/100Base-T Ethernet
§ 8 USB 2.0 ports
§ CMOS automatic backup and restore to prevent accidental data loss of BIOS
setup
§ 2 ISA slots / 5 PCI slots (1 shared with ISA slot)
§ Compatible with Advantech’s IPC chassis
AIMB-742-L
Socket 478 Pentium® 4/Celeron®
Industrial ATX Motherboard with
Dual DDR/Dual Ethernet LAN
(400/533/800 MHz FSB)
NEW


Similar Part No. - AIMB-742-L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-742 ADVANTECH-AIMB-742 Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-742E2-00A2E ADVANTECH-AIMB-742E2-00A2E Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-742G2-00A2E ADVANTECH-AIMB-742G2-00A2E Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-742VE-00A2E ADVANTECH-AIMB-742VE-00A2E Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-742VG-00A2E ADVANTECH-AIMB-742VG-00A2E Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
More results

Similar Description - AIMB-742-L

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-742 ADVANTECH-AIMB-742 Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-740-B ADVANTECH-AIMB-740-B Datasheet
210Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with VGA/Dual LAN
PCA-6186-B ADVANTECH-PCA-6186-B Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
AIMB-744 ADVANTECH-AIMB-744 Datasheet
237Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with 64-bit PCI-X/AGP/Dual LAN
PCA-6187-A2 ADVANTECH-PCA-6187-A2 Datasheet
357Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN/SCSI
logo
AAEON Technology
IMBA-880 AAEON-IMBA-880 Datasheet
405Kb / 2P
   Intel짰 Core??2 Duo/ Pentium짰 4/ Celeron짰 D LGA775 Processor (533/800/1066 MHz FSB)
logo
Advantech Co., Ltd.
PCA-6194 ADVANTECH-PCA-6194 Datasheet
347Kb / 2P
   LGA775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor Card with IPMI/VGA/Dual GbE LAN (FSB 1066/800 MHz)
logo
List of Unclassifed Man...
HS-1000 ETC-HS-1000 Datasheet
112Kb / 1P
   SOCKET 370 133 MHZ FSB INDUSTRIAL ATX MOTHERBOARD WITH VGA AUDIO
logo
AAEON Technology
EMB-830 AAEON-EMB-830 Datasheet
988Kb / 1P
   Socket 478-based Intel짰 Pentium짰 4/ Intel짰 Celeron짰
logo
Advantech Co., Ltd.
AIMB-252 ADVANTECH-AIMB-252_12 Datasheet
1Mb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Socket 478 Mini-ITX with Dual LVDS, 5 COM, and Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com