Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA0205R10ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # AA0205R10ML
Description  AXIAL INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0205R10ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  AA0205R10ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0205R10ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P±1
Style
200 Pcs / Bag
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
Ⅶ﹒PARKING FOR M-FORMED TYPE
AXIAL INDUCTOR
NAME
PROD.
REF :
AA0205□□□□L□-□□□
PAGE: 4
H1±1
e max.
H2±1
Fm Type
5.0
6.0
7.0
1.7
1000 Pcs / Bag or 2000 Pcs / Bag
Unit:mm
e
P
AR-001A
20080714-A


Similar Part No. - AA0205R10ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0200-10-3X BARRY-AA0200-10-3X Datasheet
139Kb / 1P
   Aluminum Nitride
Rev.B 06/16/10
AA0200-100-9X BARRY-AA0200-100-9X Datasheet
134Kb / 1P
   Aluminum Nitride 2 dB FLANGED ATTENUATOR
Rev. B
AA0200-40-3X BARRY-AA0200-40-3X Datasheet
140Kb / 1P
   Aluminum Nitride 2 dB FLANGED ATTENUATOR
Revision Date 06/15/09
AA0200-50-1X BARRY-AA0200-50-1X Datasheet
187Kb / 1P
   Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
logo
YAGEO Corporation
AA0201DK-07100R YAGEO-AA0201DK-07100R Datasheet
666Kb / 10P
   ANTI-SULFURATED CHIP RESISTORS AUTOMOTIVE GRADE
More results

Similar Description - AA0205R10ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
   AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
   AXIAL INDUCTOR
20090325-B
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
   Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
   Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNV0410-101K XFMRS-ALXFNV0410-101K Datasheet
39Kb / 1P
   Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com