Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO1813H-472ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO1813H-472ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO1813H-472ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO1813H-472ML Datasheet HTML 1Page - Coilcraft lnc. DO1813H-472ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors – DO1813H Series
Document 207-1
Document 207-1
Revised 10/08/08
L
L typ
DCR
SRF
ref
±20%2
max
typ
Isat3 Irms4
Part number1
(µH)
(µH)
(Ohms) (MHz) (A)
(A)
DO1813H-181ML_
0.18
0.18
0.003
800 14.0
10.0
DO1813H-331ML_
0.33
0.33
0.004
600 10.0
7.0
DO1813H-561ML_
0.56
0.56
0.010
200
7.7
6.0
DO1813H-122ML_
1.2
1.15
0.017
140
5.3
4.4
DO1813H-222ML_
2.2
2.06
0.035
100
3.5
3.1
DO1813H-332ML_
3.3
3.20
0.040
80
3.0
2.7
DO1813H-472ML_
4.7
4.70
0.054
50
2.6
2.2
DO1813H-682ML_
6.8
6.80
0.080
45
2.2
1.8
DO1813H-822ML_
8.2
8.20
0.092
42
2.0
1.6
DO1813H-103ML_ 10.0
9.55
0.11
40
1.9
1.5
DO1813H-153ML_ 15.0
15.3
0.17
30
1.5
1.2
DO1813H-223ML_ 22.0
22.6
0.25
25
1.2
1.0
DO1813H-333ML_ 33.0
32.5
0.35
20
0.99
0.82
DO1813H-473ML_ 47.0
48.1
0.47
15
0.87
0.72
1. When ordering, please specify termination and packaging codes:
DO1813H-473M
LD
Termination: L = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape, 1000 parts per full reel.
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance tested at 0.25 Vrms, 100 kHz, 0 Adc.
3. DC current at which the inductance drops 30% (typ) from its value
without current.
4. Current that causes a 40°C temperature rise from 25°C ambient.
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C331 contains 3 of each part
Core material Ferrite
Core and winding loss
See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Weight 278 – 315 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000 per 13
″ reel Plastic tape: 16 mm wide,
0.3 mm thick, 12 mm pocket spacing, 5.4 mm pocket depth
PCB washing Only pure water or alcohol recommended
• High-current power inductance; up to 14 A saturating current
• Rugged self-leaded construction for reliable soldering


Similar Part No. - DO1813H-472ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO1813H-472ML COILCRAFT-DO1813H-472ML Datasheet
227Kb / 2P
SMT Power Inductors ??DO1813H Series
DO1813H-472ML COILCRAFT-DO1813H-472ML Datasheet
227Kb / 2P
SMT Power Inductors ??DO1813H Series
DO1813H-472ML COILCRAFT-DO1813H-472ML Datasheet
227Kb / 2P
SMT Power Inductors ??DO1813H Series
DO1813H-472ML COILCRAFT-DO1813H-472ML Datasheet
240Kb / 2P
SMT Power Inductors ??DO1813H Series
DO1813H-472ML COILCRAFT-DO1813H-472ML Datasheet
227Kb / 2P
SMT Power Inductors ??DO1813H Series
More results

Similar Description - DO1813H-472ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
SMT power inductors
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
SMT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com