Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

338DY2LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 338DY2LP11000
Description  DC Axial Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

338DY2LP11000 Datasheet(HTML) 1 Page - ETRI

  338DY2LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
338DX1LP11000
12
71,7
53
3200
12,0
(7-13,2)
X
-10
60
71,7
53
3200
13,4
(14-26,4)
X
-10
60
71,7
53
3200
13,4
(28-56)
X
-10
60
80,7
56,5
3600
18,0
(7-13,2)
X
-10
60
80,7
56,5
3600
19,2
(14-26,4)
X
-10
60
80,7
56,6
3600
18,2
(28-56)
X
-10
60
89,7
59
4000
24,0
(7-13,2)
X
-10
60
89,7
59
4000
24,0
(14-26,4)
X
-10
60
89,7
59
4000
24,0
(28-56)
X
-10
60
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
338DX2LP11000
24
338DX4LP11000
48
338DZ1LP11000
12
338DZ2LP11000
24
338DZ4LP11000
48
338DY1LP11000
12
338DY2LP11000
24
338DY4LP11000
48
Connection type
Airflow: l/s
Airflow: l/s
338DX
338DZ
338DY
Airflow: CFM
Airflow: CFM
Accessories:
Refer to Accessories leaflet
DC Axial Fans
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
R
R
RoHS
Brushless DC Motor
Electrical protection: impedance protected
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 370 g
Bearing system: ball bearings
Available with:
- Speed sensor
- Alarm
- IP54 / IP55
120x120x38mm
4,724’’ x 4
x 1,496’’
,724’’
338D
Series


Similar Part No. - 338DY2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
338DY2LP11000 ETRI-338DY2LP11000 Datasheet
271Kb / 1P
DC Axial Fans
More results

Similar Description - 338DY2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
DC Axial Fans
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
DC Axial Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com