Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX173 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TOTX173
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX173 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TOTX173 Datasheet HTML 1Page - Toshiba Semiconductor TOTX173 Datasheet HTML 2Page - Toshiba Semiconductor TOTX173 Datasheet HTML 3Page - Toshiba Semiconductor TOTX173 Datasheet HTML 4Page - Toshiba Semiconductor TOTX173 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOTX173
2001-08-10
4
(6)
Solvent
When using solvent for flux removal, do not use a high acid or high alkali solvent. Be careful not to
pour solvent in the optical connector ports. If solvent is inadvertently poured there, clean with cotton
tips.
(7)
Protective cap
When the fiber optic transmitting module TOTX173 is not in use, use the protective cap.
(8)
Supply Voltage
Use the supply voltage within the Typ. operating condition (VCC = 5 ± 0.25 V). Make sure that supply
voltage does not exceed the maximum rating value of 7 V, even instantaneously.
(9)
Input voltage
If a voltage exceeding the maximum rating value (VCC + 0.5V) is applied to the transmitter input, the
internal IC may degrade causing some damage. If excessive voltage due to surges may be added to the
input, insert a protective circuit.
(10) Soldering condition
Solder at 260°C or less within ten seconds.
(11) Precaution on waste
When discarding devices and packing materials, follow procedures stipulated by local regulations in
order to protect the environment against contamination.
Compound semiconductors such as GaAs are used as LED materials for this module. When discarding
waste or at final processing, attention must be paid to workers and the environment.
(12) Precaution on use
Toshiba is continually working to improve the quality and the reliability of its products. Nevertheless,
semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity
and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing Toshiba
products, to observe standards of safety, and to avoid situations in which a malfunction or failure of a
Toshiba product could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that Toshiba products are used within specified operating
ranges as set forth in the most recent product specifications. Also, please keep in mind the
precautions and conditions set forth in the Toshiba Semiconductor Reliability Handbook.


Similar Part No. - TOTX173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX170A TOSHIBA-TOTX170A Datasheet
143Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178 TOSHIBA-TOTX178 Datasheet
322Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178A TOSHIBA-TOTX178A Datasheet
143Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
More results

Similar Description - TOTX173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX147 TOSHIBA-TOTX147 Datasheet
251Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com