Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX173 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TOTX173
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX173 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TOTX173 Datasheet HTML 1Page - Toshiba Semiconductor TOTX173 Datasheet HTML 2Page - Toshiba Semiconductor TOTX173 Datasheet HTML 3Page - Toshiba Semiconductor TOTX173 Datasheet HTML 4Page - Toshiba Semiconductor TOTX173 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOTX173
2001-08-10
2
3. Electrical and Optical Characteristics (Ta = 25°C, VCC = 5 V)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Data Rate
NRZ Code
(Note 2)
DC
6
Mb / s
Transmission Distance
Using APF
(Note 3)
and TORX173
0.2
10
m
Pulse Width Distortion
(Note 4)
∆tw
Pulse Width 165 ns
Pulse cycle 330 ns, CL = 10 pF
Using TORX173
−20
20
ns
Fiber Output Power
Pf
APF 1 m, R = 8.2 kΩ
(Note 5)
−21
−15
dBm
Peak Emission Wavelength
λp
660
nm
Current Consumption
ICC
R = 8.2 kΩ
15
25
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
20
µA
Low Level Input Current
IIL
−0.4
mA
Note 2: LED is on when input signal is high level, it is off when low level.
For data rate > 3 Mb / s, the duty factor must be kept 25 to 75%.
Note 3: All Plastic Fiber (970 / 1000 µm).
Note 4: Between input of TOTX173 and output of a fiber optic receiving module.
Note 5: Measure with a standard optical fiber with fiber optic connectors.
4. Example of Typical Characteristics (Note 6)
Note 6: There give characteristic examples, and its values are not guaranteed.


Similar Part No. - TOTX173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX170A TOSHIBA-TOTX170A Datasheet
143Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178 TOSHIBA-TOTX178 Datasheet
322Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178A TOSHIBA-TOTX178A Datasheet
143Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
More results

Similar Description - TOTX173

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BDX COSMO-KPLT1320BDX Datasheet
127Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX147 TOSHIBA-TOTX147 Datasheet
251Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com