Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR001K Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR001K
Description  HOME PNA BANDPASS FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR001K Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR001K Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: HR001K DATA SHEET
Feature
!
Design to meet,UL94v-0.
!
Operating temperature: -10℃ to +60℃.
!
Storage temperature: -25
℃ to +75
..
Electrical Specifications @ 25°C
Insertion Loss
(dB Max)
Return Loss
(dB Min)
CMR
(dB Min)
Filter Type
1-100MHz
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
1MHz
30MHz 40MHz 50MHz 60MHz 80MHz
1-100MHz
100Base-Tx
-1.1
350
-18
-18
-15.5
-13.6
-12
-12
-34
Continue
Insertion Loss
(dB Max)
Cut-Off Freq
(MHz)
Return Loss
(dB Min)
Attenuation
(dB Min)
Filter Type
6-9MHz
9-10MHz
6-9MHz
1MHz
27MHz
Band Pass Filter
-3.0
5.2-5.8
-10
-60
-50
Schematic
Mechanica
l
Bothhandusa.com
HOME PNA BANDPASS FILTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - HR001K

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR001 BOTHHAND-HR001 Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001A BOTHHAND-HR001A Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001AM BOTHHAND-HR001AM Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001B BOTHHAND-HR001B Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
HR001BM BOTHHAND-HR001BM Datasheet
300Kb / 2P
   HOME LAN NETWORKING BANDPASS FILTERS
More results

Similar Description - HR001K

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1776A-4HPNA XFMRS-XF1776A-4HPNA Datasheet
71Kb / 1P
   HOME PNA TRANSFORMER
logo
Delta Electronics, Inc.
LF8152 DELTA-LF8152 Datasheet
62Kb / 1P
   Home PNA3.0 Bandpass Filter
logo
XFMRS Inc.
XF6004 XFMRS-XF6004 Datasheet
115Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
XFMRS Inc.
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR6013 BOTHHAND-HR6013 Datasheet
155Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
EHR004 BOTHHAND-EHR004 Datasheet
265Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Premier Magnetics, Inc.
PM-HPN01 PMI-PM-HPN01 Datasheet
34Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
XFMRS Inc.
XF6004 XFMRS-XF6004 Datasheet
115Kb / 1P
   HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
   HOME LAN NETWORKING BANDPASS FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com