Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTP-2HDP Datasheet(PDF) 2 Page - Emcore Corporation

Part # OTP-2HDP
Description  HD-SDI & SD-SDI Video
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OTP-2HDP Datasheet(HTML) 2 Page - Emcore Corporation

  OTP-2HDP Datasheet HTML 1Page - Emcore Corporation OTP-2HDP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Video
Specifications
Values
Standards
SMPTE 424M, 292M, 259M
Resolutions
2.97 Gbps; 1.485 Gbps; 270 Mbps
Connector
BNC (IEC 60169-8-Gold Plated)
Video Modes
480i/480p, 720p, 1080i/1080p
Max Resolution
1920 x 1080 @ 50/60 Hz
Pathological Test Code
RP-178
General
Specifications
Values
Dimensions (Insert Card)
6.3”D x 0.8”W x 4.0”H
Weight
11 oz.
Operating Temperature
0˚ to +70˚C
Storage Temperature
-30˚C to +85˚C
Humidity
0 to 95% non-condensing
Power Consumption
6.5 Watts
Specifications
Values
Local
Front panel LED status and alert
indicators
Remote
OptivaView
® SNMP Management
Suite
Monitoring & Control
Code
Fiber Type
Wavelength
Optical Budget
Distance
C2
Singlemode
1310 nm
7 dB
10 Km
C2D
Singlemode
1310 nm (D)
12 dB
20 Km
Optical Specifications
Transmitter
Receiver
OTP-2HDPT-C2-XX-IC
OTP-2HDPR-C2-XX-IC
OTP-2HDPT-C2D-XX-IC
OTP-2HDPR-C2D-XX-IC
Copyright® 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com
Optiva® SERIES Professional Media Transport
OTP-2HDP
HD-SDI & SD-SDI Video
Models
For ordering, please substitute
“XX” in the model for one of
the following optical
connectors: ST, FC, SC, or LC.
Chromatic dispersion as well
as other losses should also be
taken into account
Stated distances are the
maximum range, shorter
distance may require
attentuation
Transmitting two SMPTE
424M signals requires two
fibers
Functional Diagram
SMPTE 424M, 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 424M, 292M, 259M
Video Output
Un-reclocked Video Output
Opti vaVie w®
SNMP
Manage ment
Suite
Opti vaVie w®
SNMP
Manage ment
Suite
OTP-2 HDPT
OTP-2 HDPR
Opti va®
SNMP
Opti va®
SNMP
Opti va®
Core
Cable
Equalization
Reclocker
Optical
Transmitter
Optical
Recei ver
Opti va®
Core
Cable
Equalization
Reclocker
SMPTE 424M, 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 424M, 292M, 259M
Video Output
Un-reclocked Video Output
SMPTE 424M, 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 424M, 292M, 259M
Video Output
Un-reclocked Video Output
Opti vaVie w®
SNMP
Manage ment
Suite
Opti vaVie w®
SNMP
Manage ment
Suite
OTP-2 HDPT
OTP-2 HDPR
Opti va®
SNMP
Opti va®
SNMP
Opti va®
Core
Cable
Equalization
Reclocker
Optical
Transmitter
Optical
Recei ver
Opti va®
Core
Cable
Equalization
Reclocker
SMPTE 424M, 292M, 259M
Video Input
Local Loopback Video Output
SMPTE 424M, 292M, 259M
Video Output
Un-reclocked Video Output
2-Slot
DESKTOP
1-Slot
DESKTOP
4-Slot
1RU RACK
16-Slot
3RU RACK
Enclosure Options
FCC
PART 15
COMPLIANT
MADE IN
USA
Document Revision 07/14/2008


Similar Part No. - OTP-2HDP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1DVI2A EMCORE-OTP-1DVI2A Datasheet
97Kb / 2P
   DVI / VGA & Stereo Audio
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
   Media Transport
OTP-1DVIR2AR-C0-XX-IC EMCORE-OTP-1DVIR2AR-C0-XX-IC Datasheet
97Kb / 2P
   DVI / VGA & Stereo Audio
OTP-1DVIR2AR-C1-XX-IC EMCORE-OTP-1DVIR2AR-C1-XX-IC Datasheet
97Kb / 2P
   DVI / VGA & Stereo Audio
OTP-1DVIR2AR-C2-XX-IC EMCORE-OTP-1DVIR2AR-C2-XX-IC Datasheet
97Kb / 2P
   DVI / VGA & Stereo Audio
More results

Similar Description - OTP-2HDP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
   SD and HD/SD-SDI Digital Video Cable Drivers
logo
Panasonic Semiconductor
ET-MD16SD1 PANASONIC-ET-MD16SD1 Datasheet
56Kb / 1P
   HD/SD-SDI Interface Board
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
M/A-COM Technology Solu...
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
   3G/HD/SD-SDI Multi-rate Video Quad Reclocker
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com