Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTP-2HDP Datasheet(PDF) 1 Page - Emcore Corporation

Part # OTP-2HDP
Description  HD-SDI & SD-SDI Video
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OTP-2HDP Datasheet(HTML) 1 Page - Emcore Corporation

  OTP-2HDP Datasheet HTML 1Page - Emcore Corporation OTP-2HDP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OTP-2HDp
HD-SDI & SD-SDI Video
Optiva® SERIES Professional Media Transport
Features
Supports two independent uncompressed
3Gb/s HD-SDI signals
SMPTE 424M, 292M, 259M Compliant
Singlemode options (up to 20 km)
Uses all-digital processing for crystal clear
picture with no compression
Real-time video transmission for exceptional
quality and resolution
Two independent output streams (2 x 2.97
Gb/s) with local loopback for each
Receiver contains cable driver and reclocker
per SMPTE 424M
Transmitter contains cable driver, adaptive
cable equalizer, and reclocker per SMPTE 424M
Applications
Remote OB Van/Truck Video Feeds
Broadcast Studio Camera Feeds
HD Routing (requires Optilinx Optical Switch)
Long-haul Signal Transport
Lecture Hall Projector Connectivity
Medical / Surgical Room Broadcast
System Design
Optiva® insert cards support both 19” rack mount and compact table top or
wall mountable enclosures. The 3RU 19” rack mount enclosure (Model: OT-
CC-16-100) can support up to 16 insert cards. It also supports dual-redundant
hot-swappable power supplies (Model: OT-CC-16-100-RPS) utilizing two PS-100
power supplies or two PS-200 power supplies (Model: OT-CC-16-200-RPS).
Also available in the rackmount form factor is the 4-slot (Model: OT-CC-4-1U)
which houses 4 insert cards in 1RU of rack space. The compact one slot (Model:
OT-DTCR-1) and two slot (Model: OT-DTCR-2) enclosures both use an external
power supply (Model: PS-9012).
The OTP-2HDp is an excellent choice for transporting SMPTE
424M, 292M or 259M compliant video signals over long or short
distances with a single optical wavelength. Supporting two
independent SMPTE 424 video signals, the system offers the
complete flexibility needed for transporting full uncompressed
(2.97 Gb/s) 1080p HD over optical fiber. Additionally, the
OTP-2HDp is part of the innovative Optiva® Series Video, Audio and Data
Media Transport System. New signals may be added or fully redundant optical
transport solutions may be developed.
Switching and multicasting 3G-HD signals over optical fiber is quick and simple,
by routing OTP-2HDp links independently through the Optilinx® Switching
Platform, making this the perfect solution for Broadcast Studio HD Routing and
Switching. The combination of Optiva® and Optilinx® facilitates flexibility for
choice of video, audio, and data transport. With Optilinx®, cabling is done once
to create a completely optical transport network. Combined with Optiva®, the
system is flexible to transmit, switch or convert signals on custom optical mesh
networks.
Copyright® 2008 Emcore Corporation
858 450 0143
858 450 0155
video-sales@emcore.com
www.emcore.com


Similar Part No. - OTP-2HDP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1DVI2A EMCORE-OTP-1DVI2A Datasheet
97Kb / 2P
DVI / VGA & Stereo Audio
OTP-1DVI2A1D1KM EMCORE-OTP-1DVI2A1D1KM Datasheet
98Kb / 2P
Media Transport
OTP-1DVIR2AR-C0-XX-IC EMCORE-OTP-1DVIR2AR-C0-XX-IC Datasheet
97Kb / 2P
DVI / VGA & Stereo Audio
OTP-1DVIR2AR-C1-XX-IC EMCORE-OTP-1DVIR2AR-C1-XX-IC Datasheet
97Kb / 2P
DVI / VGA & Stereo Audio
OTP-1DVIR2AR-C2-XX-IC EMCORE-OTP-1DVIR2AR-C2-XX-IC Datasheet
97Kb / 2P
DVI / VGA & Stereo Audio
More results

Similar Description - OTP-2HDP

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
HD-SDI & SD-SDI Video
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
SD/HD SDI Reclocker
logo
M/A-COM Technology Solu...
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
SD and HD/SD-SDI Digital Video Cable Drivers
logo
Panasonic Semiconductor
ET-MD16SD1 PANASONIC-ET-MD16SD1 Datasheet
56Kb / 1P
HD/SD-SDI Interface Board
logo
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
3G, HD, SD SDI Receiver
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
M/A-COM Technology Solu...
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com