Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59050D1120B040 Datasheet(PDF) 2 Page - EPCOS

Part # B59050D1120B040
Description  PTC thermistors as point level sensors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59050D1120B040 Datasheet(HTML) 2 Page - EPCOS

  B59050D1120B040 Datasheet HTML 1Page - EPCOS B59050D1120B040 Datasheet HTML 2Page - EPCOS B59050D1120B040 Datasheet HTML 3Page - EPCOS B59050D1120B040 Datasheet HTML 4Page - EPCOS B59050D1120B040 Datasheet HTML 5Page - EPCOS B59050D1120B040 Datasheet HTML 6Page - EPCOS B59050D1120B040 Datasheet HTML 7Page - EPCOS B59050D1120B040 Datasheet HTML 8Page - EPCOS B59050D1120B040 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Liquid level detection in tanks (oil, gas, etc.)
and home appliances
Features
For liquids with a thermal conductivity
τ > 0.12 W/mK
Hermetically sealed stainless steel case
Solderability complies with IEC 60068-2-20
RoHS-compatible
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
Vmax
18
V DC
Rated resistance
RR
40 ... 80
Operating temperature range
(V = 0 V)
Top
55/+100
°C
Operating temperature range
(V = 18 V)
Top
25/+50
°C
Number of cycles
(RS = 50
Ω, V = 18 V)
N
5000
Residual current in oil
Ir,oil
see diagram
mA
Residual current in air
Ir,air
see diagram
mA
Settling time
tE
60
s
Surface temperature
(V = 18 V)
Tsurf
< 90
°C
Ordering code
Ordering code
B59050D1120B040
Sensors
Point level sensor, stainless steel case, oil level sensing
D1050
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59050D1120B040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59050D1100B040 EPCOS-B59050D1100B040 Datasheet
224Kb / 9P
   PTC thermistors as point level sensors
More results

Similar Description - B59050D1120B040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59011E0160A040 EPCOS-B59011E0160A040_09 Datasheet
219Kb / 9P
   PTC thermistors as point level sensors
B59050D1100B040 EPCOS-B59050D1100B040 Datasheet
224Kb / 9P
   PTC thermistors as point level sensors
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
   PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
   PTC thermistors as limit temperature sensors
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
   PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
   PTC thermistors as limit temperature sensors
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
   PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
   PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
   PTC thermistors as limit temperature sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com