Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3520A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP3520A
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP3520A Datasheet HTML 1Page - Toshiba Semiconductor TLP3520A Datasheet HTML 2Page - Toshiba Semiconductor TLP3520A Datasheet HTML 3Page - Toshiba Semiconductor TLP3520A Datasheet HTML 4Page - Toshiba Semiconductor TLP3520A Datasheet HTML 5Page - Toshiba Semiconductor TLP3520A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP3520A
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 53°C)
∆IF / °C
-0.7
mA / °C
Peak forward current (100 µs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Off
-state output terminal voltage
VDRM
400
V
Ta = 40°C
1.2
On
-state RMS current
Ta = 60°C
IT(RMS)
0.9
A
On
-state current derating (Ta ≥ 40°C)
∆IT / °C
-15
mA / °C
Peak current from snubber circuit
(100µs pulse, 120 pps)
ISP
2
A
Peak nonrepetitive surge current (50 Hz, peak)
ITSM
10
A
Junction temperature
Tj
120
°C
Storage temperature range
Tstg
-40~125
°C
Operating temperature range
Topr
-20~80
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min., R.H.≤ 60%)
(Note)
BVS
2500
Vrms
(Note)Device considered a two terminal: LED side pins shorted together
and detector side pins shorted together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VAC
120
Vac
Forward current
IF
15
20
25
mA
Peak current from snubber circuit
ISP
1
A
Operating temperature
Topr
-20
80
°C


Similar Part No. - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results

Similar Description - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com