Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3520A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3520A
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3520A Datasheet HTML 1Page - Toshiba Semiconductor TLP3520A Datasheet HTML 2Page - Toshiba Semiconductor TLP3520A Datasheet HTML 3Page - Toshiba Semiconductor TLP3520A Datasheet HTML 4Page - Toshiba Semiconductor TLP3520A Datasheet HTML 5Page - Toshiba Semiconductor TLP3520A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP3520A
2002-09-25
5
Normalized IFT – Ta
Ambient temperature Ta (°C)
100
3
0.1
-40
2
1.2
1
0.5
-20
0
20
40
60
0.3
80
VT = 3V
Normalized IH – Ta
3
0.1
-40
2
1.2
1
0.5
-20
0
20
40
60
0.3
100
80
AMBIENT TEMPERATURE Ta (°C)
Normalized IDRM – Ta
Ambient temperature Ta (°C)
10
3
0
10
2
10
1
10
0
20
40
60
80
100
VDRM = Rated
Normalized VDRM – Ta
Ambient temperature Ta (°C)
1.4
0.2
-40
1.2
1.0
0.8
-20
0
20
40
60
0.6
100
80
0.4
Normalized LED current
– LED Current Pulse Width
LED current pulse width PW (µs)
10
0.3
10
2
1.6
1
0.5
30
50
100
300
1.2
1000
500
3
5


Similar Part No. - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results

Similar Description - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com