Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP3520A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3520A
Description  Triac Driver Programmable Controllers AC.Output Module Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3520A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3520A Datasheet HTML 1Page - Toshiba Semiconductor TLP3520A Datasheet HTML 2Page - Toshiba Semiconductor TLP3520A Datasheet HTML 3Page - Toshiba Semiconductor TLP3520A Datasheet HTML 4Page - Toshiba Semiconductor TLP3520A Datasheet HTML 5Page - Toshiba Semiconductor TLP3520A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3520A
2002-09-25
4
IT(RMS) – Ta
Ambient temperature Ta (°C)
1.6
0
-20
2.0
1.2
0.8
0.4
0
20
40
60
80
100
120
IFP – VFP
Pulse forward voltage VFP (V)
0.6
1000
1
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
Pulse width≦10µs
Repetitive frequency
= 100Hz
Ta = 25°C
IF – Ta
Ambient temperature Ta (°C)
0
80
0
-20
100
60
40
20
20
40
60
80
100
120
∆VF / ∆Ta – IF
Forward current IF (mA)
-0.4
0.1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
0.3
1
3
10
30
50
0.5
5
-3.2
IF – VF
Forward voltage VF (V)
0.6
0.1
100
10
5
3
1
0.5
0.3
1.0
1.2
1.6
0.8
1.4
1.8
30
50
Ta = 25°C
IFP – DR
Duty cycle ratio DR
3
10
1000
500
300
100
50
30
10
-2
3
3
3
10
-3
10
-1
10
0
5000
3000
Pulse width≦100µs
Ta = 25°C


Similar Part No. - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
More results

Similar Description - TLP3520A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP560J TOSHIBA-TLP560J Datasheet
166Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP3520 TOSHIBA-TLP3520 Datasheet
145Kb / 6P
   Triac Driver Programmable Controllers AC.Output Module Solid State Relay
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com