Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602 Datasheet(PDF) 23 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 23 Page - Lite-On Technology Corporation

Back Button HSDL-3602 Datasheet HTML 19Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 20Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 21Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 22Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 23Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 24Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 25Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 26Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 27Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
HSDL-3602 Interoperability with NS PC97338 Report
(i) Test Conditions
VCC = 3.0 – 3.6 V
RLED = 2.7 Ω
Optical transmitter pulse width = 125 ns
Mode set to full power
(ii) Test Result
The interoperability test results show that HSDL-3602 IR
transceiver can operate ≥ 1.5 meter link distance from
3 V to 3.6 V with NS’s PC97338 at any IrDA 1.1 data rate
without error.
(C) Standard Micro System
Corporation (SMC) Super and Ultra I/O Controllers
For SMC Super and Ultra I/O Controller chips, IR link can
be realized with the following connections:
• Connect IRTX of the SMC Super or Ultra I/O Controller
to TXD (pin 9) of the HSDL-3602.
• Connect IRRX of the SMC Super or Ultra I/O Controller
to RXD (pin 8) of the HSDL-3602.
• Connect IRMODE of the Super or Ultra I/O Controller
to FIR_SEL (pin 3) of the HSDL-3602.
Please refer to the table below for the IR pin assign-
ments for the SMC Super or Ultra I/O Controllers that
support IrDA 1.1 up to 4Mb/s:
HSDL-3602 Interoperability with SMC 669/769 Report
(i) Test Conditions
Vcc = 3.0 – 3.6 V
RLED = 2.2 Ω
Optical transmitter pulse width = 125 ns
Mode set to full power
(ii) Test Result
The interoperability test results show that HSDL-3602 IR
transceiver can operate ≥ 1.5 meter link distance from
3 V to 3.6 V with SMC 669/769 at any IrDA 1.1 data rate
without error.
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
LEDA (10)
R1
VCC
SP
HSDL-3602
CX1
CX2
NATIONAL
SEMICONDUCTOR
PC97338VJG
SUPER I/O
IRTX (63)
IRRX1 (65)
IRSL0 (66)
HSDL-3602 FUNCTIONAL DIAGRAM (B)
*
*
* MODE GROUND FOR
FULL POWER OPERATION
A0 - A3
RD, WR, CS
D0 - D7
DRQ
DACK, TC
IRQ
HSDL-3602
FUNCTIONAL BLOCK DIAGRAM
14.314 MHz
CLOCK


Similar Part No. - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3602-007 HP-HSDL-3602-007 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-008 AVAGO-HSDL-3602-008 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com