Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602 Datasheet(PDF) 22 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 22 Page - Lite-On Technology Corporation

Back Button HSDL-3602 Datasheet HTML 18Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 19Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 20Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 21Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 22Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 23Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 24Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 25Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 26Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
22
IRTX
IRRX1
IRSL0
PC97/87338VJG
63
65
66
PC87308VUL
81
80
79
PC87108AVHG
39
38
37
PC87109VBE
15
16
14
Please refer to the National Semiconductor data sheets and application notes for updated information.
(B) HSDL-3602 Interoperability with National Semiconduc-
tor PC97338VJG SIO Evaluation R eport
Introduction
The objective of this report is to demonstrate the in-
teroperability of the HSDL-3602 IR transceiver IR mod-
ule as wireless communication ports at the speed of 2.4
kb/s - 4 Mb/s with NS’s PC97338VJG Super I/O under
typical operating conditions.
Test Procedures
(1)
Two PC97338VJG evaluation boards were con-
nected to the ISA Bus of two PCs (Pentium 200
MHz) running Microsoft’s DOS operating system.
One system with an HSDL-3602 IR transceiver
connected to the PC97338VJG evaluation board
will act as the master device. Another system with
an HSDL-3602 IR transceiver connected to the
PC97338VJG will act as the slave device (i.e. De-
vice Under Test).
(2)
The test software used in this interoperability test
is provided by National Semiconductor. A file size
of 1.7M byte from the master device, with the
PC97338VJG performing the framing, encoding is
transmitted to the slave device. The slave device,
with the PC97338VJG performing the decoding,
and CRC checksum, will receive the file. The file is
then checked for error by comparing the received
file with the original file using the DOS “fc” com-
mand.
(3)
The link distance is measured by adjusting the dis-
tance between the master and slave for errorless
data communications.
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
LEDA (10)
R1
VCC
SP
HSDL-3602
CX1
CX2
NATIONAL
SEMICONDUCTOR
SUPER I/O
OR
IR CONTROLLER
IRTX
IRRX1
IRSL0
HSDL-3602 FUNCTIONAL DIAGRAM (A)
*
*
* MODE GROUND FOR
FULL POWER OPERATION
HSDL-3600
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3602-007 HP-HSDL-3602-007 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-008 AVAGO-HSDL-3602-008 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com