Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602 Datasheet(PDF) 12 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 12 Page - Lite-On Technology Corporation

Back Button HSDL-3602 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 14Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 15Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 16Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
Moisture Proof Packaging
All HSDL-3602 options are shipped in moisture proof
package. Once opened, moisture absorption begins.
Baking Conditions
If the parts are not stored in dry conditions, they must
be baked before reflow to prevent damage to the parts.
Package
Temp.
Time
In reels
60°C
≥ 48 hours
In bulk
100°C
≥ 4 hours
125°C
≥ 2 hours
150°C
≥ 1 hour
Baking should be done only once.
Recommended Storage Conditions
Storage
10°C to 30°C
Temperature
Relative
below 60% RH
Humidity
Time from Unsealing to Soldering
After removal from the bag, the parts should be sol-
dered within 3 days if stored at the recommended
storage conditions. If times longer than 72 hours are
needed, the parts must be stored in a dry box.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30 C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 72 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES
After removal from the bag,the parts should be soldered
within 7 days if stored at recommended storage conditions.If
times longer than 168 hours are needed, the parts must be
stored in a dry box.
168H


Similar Part No. - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3602-007 HP-HSDL-3602-007 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-008 AVAGO-HSDL-3602-008 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com