Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3602 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3602 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button HSDL-3602 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 9Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 10Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 11Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 12Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 13Page - Lite-On Technology Corporation HSDL-3602 Datasheet HTML 14Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
Tape and Reel Dimensions (HSDL-3602-007, -037)
ALL DIMENSIONS IN MILLIMETERS (mm)
R 1.00
2.00 ± 0.50
LABEL
EMPTY
PARTS
MOUNTED
LEADER
EMPTY
(400 mm MIN.)
(40 mm MIN.)
DIRECTION OF PULLING
(40 mm MIN.)
CONFIGURATION OF TAPE
13.00 ± 0.50
SHAPE AND DIMENSIONS OF REELS
QUANTITY = 400 PIECES PER REEL (HSDL-3602-007)
1800 PIECES PER TAPE (HSDL-3602-037)
21.00 ± 0.80
12.50 ± 0.10
8.00 ± 0.10
4.00 ± 0.10
24.00 ± 0.30
1.75 ± 0.10
0.40 ± 0.10
4.25 ± 0.10
Æ1.55 ± 0.05
11.50 ± 0.10
2.00 ± 0.10
B
B
5 (MAX.)
5 (MAX.)
5.20 ± 0.10
A
A
SECTION A-A
SECTION B-B
10
3.8
A
A
Æ1.5 ± 0.1
10
11
12
8
7
3
2
1
4
5
6
4.4
9
A
A
A


Similar Part No. - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-007 AVAGO-HSDL-3602-007 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3602-007 HP-HSDL-3602-007 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-008 AVAGO-HSDL-3602-008 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL3602 HP-HSDL3602 Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3603 HP-HSDL-3603 Datasheet
342Kb / 24P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com