Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3201 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # HSDL-3201
Description  IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3201 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  HSDL-3201 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
RXD Output Waveform
LED Optical Waveform
TXD “Stuck ON” Protection
Receiver Wakeup Time Definition
Transmitter Wakeup Time Definition
tf
VOH
90%
50%
10%
VOL
tpw
tr
tf
LED OFF
90%
50%
10%
LED ON
tpw
tr
tpw (MAX.)
TXD
LED
RX
LIGHT
tRW
RXD
SD
TX
LIGHT
tTW
TXD
SD
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Notes
Operating Temperature
TA
-25
85
°C
Supply Voltage
VCC
2.7
3.6
V
LED Supply Voltage
VLED
2.7
6.0
V
TXD, SD Input
Logic High
VIH
2/3 VCC
VCC
V
Voltage
Logic Low
VIL
0
1/3 VCC
V
Receiver Input
Logic High
EIH
0.0081
500
mW/cm2
For in-band signals.
7
Irradiance
Logic Low
EIL
0.3
µW/cm2
For in-band signals.
7
Receiver Data Rate
2.4
115.2
kb/s
5
VCC-0.5
VGND+0.4
9.6


Similar Part No. - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com