Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3201 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # HSDL-3201
Description  IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3201 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  HSDL-3201 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3201 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Recommended Application Circuit Components
Component
Recommended Value
Note
C1
1.0
µF1
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is
≤ 50°C/W.
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-40
100
°C
Operating Temperature
TA
-25
85
°C
LED Supply Voltage
VVLED
-0.5
7
V
Supply Voltage
VCC
-0.5
7
V
Input Voltage: TXD, SD
VI
0VCC + 0.5
V
Output Voltage: RXD
VO
-0.5
VCC + 0.5
V
Solder Reflow
See Reflow Profile, page 19
Temperature Profile
Transceiver I/O Truth Table
The LED and RXD outputs are
controlled by the combination of the
TXD and SD pins and light falling on
the receiver. As shown in the table
below, the transmitter is non-
inverting; the LED is on when the TXD
pin is high and off when TXD is low.
The receiver is inverting; the RXD pin
is low during IrDA signal pulses and
high when the receiver does not see
any light. When shutdown (SD pin
high), the LED is off (the state of the
TXD pin does not matter), and the
RXD pin is pulled high with a weak
internal pullup.
Shutdown Mode Notes
When the HSDL-3201 is in Shutdown
Mode (SD pin high), the part presents
different impedances to the rest of the
circuit than when it is in normal mode.
RXD Pin: This pin is NOT Tri-state.
Duringshutdowntheequivalentcircuit
is a weak pullup (~300 kΩ) to VCC. The
ESD protection diodes to VCC and
Ground are also present.
TXD Pin: Input protection diodes are
present.
VLED Pin: Possible leakage current of
1.5 nA.
SD Pin:Will draw approximately 16 nA
when driven high.
Marking Information
The unit is marked with the letter “A”
and “YWWLL” on the shield for front
options where Y is the last digit of the
year,WWistheworkweek,andLListhe
lot information. For top options, the
part is marked as “YWW” where Y is the
last digit of the year, and WW is the
workweek.
Ordering Information
Specify the part number followed by
an option number.
HSDL-3201#XXX
There are two options available:
Front Options
#021
Taped and 13” Reel
Packaging, 2500 per reel
Top Options
#008
Taped and 13” Reel
Packaging, 2500 per reel
SD
TXD
LED
Receiver
RXD
Notes
High
On
Don’t care
Not Valid
2, 3
Low
Low
Off
IrDA Signal
Low
4, 5
No Signal
High
High
Don’t care
Off
Don’t care
High
6
Caution: The BiCMOS inherent to this design of this component increases
the component’s susceptibility to damage from electrostatic discharge
(ESD). It is advised that normal static precautions be taken in handling and
assembly of this component to prevent damage and/or degradation which
may be induced by ESD.
6
6
6
6


Similar Part No. - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3201

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com