Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N1613 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N1613
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1613 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N1613 Datasheet HTML 1Page - Comset Semiconductor 2N1613 Datasheet HTML 2Page - Comset Semiconductor 2N1613 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN 2N1613 – 2N1711
COMSET SEMICONDUCTORS
3
/3
Symbol
Ratings
Test Condition(s)
Min Typ
Mx
Unit
2N1613 IC=50 mA , VCE=10 V, f= 20MHz
60
-
-
fT
Transition Frequency
2N1711 IC=50 mA , VCE=10 V, f= 20MHz
70
-
-
MHz
CCBO
Collector-Base Capacitance
IE= 0 ,VCB= 10 V , f = 1MHz
-
-
25
pF
CEBO
Emitter-Base Capacitance
IC= 0 ,VEB= 0.5V , f = 1MHz
-
-
80
pF
2N1613
IC= 0.3 mA , VCE=10 V
f = 1 kHz , R9= 510
-
-
12
NF
Noise Figure
2N1711
IC= 0.3 mA , VCE=10 V
f = 1 kHz , R9= 510
-
-
8
dB
(*) Pulse conditions : tp < 300
µs, δ =1%.
MECHANICAL DATA CASE TO-39
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
DIMENSIONS (mm)
min
typ
max
A
12.7
-
-
B
-
-
0.49
D
-
-
6.6
E
-
-
8.5
F
-
-
9.4
G
5.08
-
-
H
-
-
1.2
I
-
-
0.9
L
45°
-
-
Pin 1 :
Emitter
Pin 2 :
Base
Case :
Collector


Similar Part No. - 2N1613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1613 PHILIPS-2N1613 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 11
logo
List of Unclassifed Man...
2N1613 ETC1-2N1613 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
STMicroelectronics
2N1613 STMICROELECTRONICS-2N1613 Datasheet
61Kb / 5P
SWITCHES AND UNIVERSAL AMPLIFIERS
January 1989
logo
Fairchild Semiconductor
2N1613 FAIRCHILD-2N1613 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
2N1613 MICRO-ELECTRONICS-2N1613 Datasheet
92Kb / 2P
NPN LISICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N1613

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC413 MICRO-ELECTRONICS-BC413 Datasheet
130Kb / 2P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
First Components Intern...
BC557 FCI-BC557 Datasheet
367Kb / 1P
Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com