Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8601 Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY8601
Description  Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8601 Datasheet(HTML) 2 Page - Lyontek Inc.

  LY8601 Datasheet HTML 1Page - Lyontek Inc. LY8601 Datasheet HTML 2Page - Lyontek Inc. LY8601 Datasheet HTML 3Page - Lyontek Inc. LY8601 Datasheet HTML 4Page - Lyontek Inc. LY8601 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LY8601
Rev. 1.4
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN DESCRIPTION
Pin No.
SYMBOL
MSOP
DESCRIPTION
Vo1
1
Audio output of Left channel.
IN1
2
Audio Input of Left channel.
BYPASS
3
Bypass pin
GND
4
Ground
SHUTDOWN
5
Shutdown Pin.(when active High is shutdown mode)
IN2
6
Audio Input of Right channel.
Vo2
7
Audio output of Right channel.
VDD
8
Power Supply
APPLICATION CIRCUIT
Figure 1. Typical Audio Amplifier Application Circuit


Similar Part No. - LY8601

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602BL LYONTEK-LY8602BL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602UL LYONTEK-LY8602UL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
More results

Similar Description - LY8601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Lyontek Inc.
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
logo
Texas Instruments
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
[Old version datasheet]   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com