Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8601 Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY8601
Description  Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8601 Datasheet(HTML) 1 Page - Lyontek Inc.

  LY8601 Datasheet HTML 1Page - Lyontek Inc. LY8601 Datasheet HTML 2Page - Lyontek Inc. LY8601 Datasheet HTML 3Page - Lyontek Inc. LY8601 Datasheet HTML 4Page - Lyontek Inc. LY8601 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LY8601
Rev. 1.4
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
2.5V~5.5V Power supply.
Thermal shutdown Protection.
Low current shutdown mode
"Click and Pop" suppression
No bootstrap capacitors required
Low noise during turn-on and turn-off transitions
Active-high shutdown mode
Lead free and green package available.
(RoHS Compliant)
Space Saving Package
-- 8-pin MSOP package.
APPLICATION
Portable electronic devices
Mobile Phones
Microphone Preamplifier
PDA’s
GENERAL DESCRIPTION
The LY8601 is a dual 0.1W audio power amplifier. It
is capable of driving 16Ω load at a continuous
average output of 0.1W/0.1% distortion (THD+N)
from a 5.0V power supply.
The LY8601 primarily designed for high quality
application in other portable communication device.
And the LY8601 audio amplifier features low power
consumption shutdown mode. It is achieved by
driving the shutdown pin with logic high and it has
an internal thermal shutdown protection feature.
The unity-gain stable LY8601 can be configured by
external gain-setting resistors.
The
LY8601
audio
amplifier
was
designed
specifically to provide high quality output power with
a minimal amount of external components. The
LY8601 does not require bootstrap capacitors, and
the LY8601 is ideally suited for other low voltage
applications or portable electronic devices where
minimal
power
consumption
is
a
primary
requirement.
PIN CONFIGURATION


Similar Part No. - LY8601

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602BL LYONTEK-LY8602BL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602UL LYONTEK-LY8602UL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
More results

Similar Description - LY8601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Lyontek Inc.
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
logo
Texas Instruments
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
[Old version datasheet]   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com