Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8601 Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY8601
Description  Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8601 Datasheet(HTML) 4 Page - Lyontek Inc.

  LY8601 Datasheet HTML 1Page - Lyontek Inc. LY8601 Datasheet HTML 2Page - Lyontek Inc. LY8601 Datasheet HTML 3Page - Lyontek Inc. LY8601 Datasheet HTML 4Page - Lyontek Inc. LY8601 Datasheet HTML 5Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LY8601
Rev. 1.4
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
DC ELECTRICAL CHARACTERISTICS (VDD=3V, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VIN = 0V, IO = 0A, No Load
-
3.0
8.0
mA
Power Supply Current
IDD
VIN = 0V, IO = 0A, 8Ω Load
-
3.5
9.0
mA
Shutdown Current
ISD
VSHUTDOWN = VDD
-
0.1
2.0
µA
Shutdown Voltage Input High
VSDIH
0.8xVD
D
-
-
V
Shutdown Voltage Input Low
VSDIL
-
-
0.2xVDD
V
Output Offset Voltage
VOS
-
7.0
50.0
mV
THD+N=0.1%,f =1kHz,RL=8Ω
105
THD+N=0.1%,f =1kHz,RL=16Ω
73
Output Power
Po
THD+N=0.1%,f =1kHz,RL=32Ω
35
mW
Total Harmonic Distortion+ Noise
THD+N
Po = 25mW; RL = 32Ω
f = 20Hz to 20kHz
-
0.4
%
Power Supply Rejection Ratio
PSRR
CB=1.0uF,Vripple = 200mVPP
f = 1kHz, Input terminated with
50Ω.
62
-
dB
Thermal Shutdown Temperature
TSD
150
170
190
ORDERING INFORMATION
LY 8 601 VV
V : Package Type
UL : 8-Pin MSOP
Product Name
A : Product Line
LY : Lyontek Product Number Prefix


Similar Part No. - LY8601

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602BL LYONTEK-LY8602BL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
LY8602UL LYONTEK-LY8602UL Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
More results

Similar Description - LY8601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Lyontek Inc.
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
logo
Texas Instruments
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
[Old version datasheet]   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com