Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3171PZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTUD3171PZ
Description  Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3171PZ Datasheet(HTML) 4 Page - ON Semiconductor

  NTUD3171PZ Datasheet HTML 1Page - ON Semiconductor NTUD3171PZ Datasheet HTML 2Page - ON Semiconductor NTUD3171PZ Datasheet HTML 3Page - ON Semiconductor NTUD3171PZ Datasheet HTML 4Page - ON Semiconductor NTUD3171PZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTUD3171PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Resistive Switching Time Variation
vs. Gate Resistance
DRAIN−TO−SOURCE VOLTAGE (V)
RG, GATE RESISTANCE (W)
20
12
10
2
0
0
2
4
6
10
12
14
18
100
10
1
1
10
100
1000
Figure 9. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1
0.8
0.6
0.4
0.2
0
0
0.02
0.04
0.06
0.08
0.12
0.16
0.18
16
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
VDD = 10 V
ID = 200 mA
VGS = 4.5 V
td(off)
td(on)
tr
tf
0.14
VGS = 0 V
TJ = 25°C
8
0.10
46
8
14
16
18


Similar Part No. - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZT5G ONSEMI-NTUD3170NZT5G Datasheet
107Kb / 5P
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
119Kb / 6P
??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com