Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3171PZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTUD3171PZ
Description  Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3171PZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTUD3171PZ Datasheet HTML 1Page - ON Semiconductor NTUD3171PZ Datasheet HTML 2Page - ON Semiconductor NTUD3171PZ Datasheet HTML 3Page - ON Semiconductor NTUD3171PZ Datasheet HTML 4Page - ON Semiconductor NTUD3171PZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTUD3171PZ
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 3)
RqJA
1000
°C/W
Junction−to−Ambient – t = 5 s (Note 3)
600
3. Surface−mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = −5.0 V
TJ = 25°C
−50
nA
VGS = 0 V, VDS = −5.0 V
TJ = 85°C
−100
VGS = 0 V, VDS = −16 V
TJ = 25°C
−200
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5.0 V
±100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−1.0
V
Drain−to−Source On Resistance
RDS(ON)
VGS = −4.5 V, ID = −100 mA
2.0
5.0
W
VGS = −2.5 V, ID = −50 mA
2.6
6.0
VGS = −1.8 V, ID = −20 mA
3.4
7.0
VGS = −1.5 V, ID = −10 mA
4.0
10
VGS = −1.2 V, ID = −1.0 mA
6.0
Forward Transconductance
gFS
VDS = −5.0 V, ID = −125 mA
0.35
S
Source−Drain Diode Voltage
VSD
VGS = 0 V, IS = −10 mA
−0.6
−1.0
V
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
f = 1 MHz, VGS = 0 V
VDS = −15 V
13.5
pF
Output Capacitance
COSS
3.8
Reverse Transfer Capacitance
CRSS
2.0
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 4)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −15 V,
ID = −200 mA, RG = 2.0 W
26
ns
Rise Time
tr
46
Turn−Off Delay Time
td(OFF)
196
Fall Time
tf
145
4. Switching characteristics are independent of operating junction temperatures
ORDERING INFORMATION
Device
Package
Shipping
NTUD3171PZT5G
SOT−963
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZT5G ONSEMI-NTUD3170NZT5G Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
   Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
119Kb / 6P
   ??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com