Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3171PZ Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTUD3171PZ
Description  Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3171PZ Datasheet(HTML) 1 Page - ON Semiconductor

  NTUD3171PZ Datasheet HTML 1Page - ON Semiconductor NTUD3171PZ Datasheet HTML 2Page - ON Semiconductor NTUD3171PZ Datasheet HTML 3Page - ON Semiconductor NTUD3171PZ Datasheet HTML 4Page - ON Semiconductor NTUD3171PZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
August, 2008 − Rev. 0
1
Publication Order Number:
NTUD3171PZ/D
NTUD3171PZ
Small Signal MOSFET
−20 V, −200 mA, Dual P−Channel,
1.0 x 1.0 mm SOT−963 Package
Features
Dual P−Channel MOSFET
Offers a Low RDS(on) Solution in the Ultra Small 1.0 x 1.0 mm
Package
1.5 V Gate Voltage Rating
Ultra Thin Profile (< 0.5 mm) Allows It to Fit Easily into Extremely
Thin Environments such as Portable Electronics.
This is a Pb−Free Device
Applications
High Side Switch
High Speed Interfacing
Optimized for Power Management in Ultra Portable Equipment
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−200
mA
TA = 85°C
−140
t v 5 s
TA = 25°C
−250
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
−125
mW
t v 5 s
−200
Pulsed Drain Current
tp = 10 ms
IDM
−600
mA
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−200
mA
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using the minimum recommended pad size,
1 oz Cu.
2. Pulse Test: pulse width v300 ms, duty cycle v2%
http://onsemi.com
PINOUT: SOT−963
P−Channel
MOSFET
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID Max
−20 V
5.0 W @ −4.5 V
6.0 W @ −2.5 V
−0.2 A
7.0 W @ −1.8 V
10 W @ −1.5 V
MARKING
DIAGRAM
4
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
SOT−963
CASE 527AD
4 M G
1
D1
S1
G1
D2
S2
G2
Top View
D1
G2
S2
S1
G1
6
5
4
1
2
3
D2


Similar Part No. - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZT5G ONSEMI-NTUD3170NZT5G Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3171PZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
   Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTR3A30PZ ONSEMI-NTR3A30PZ Datasheet
119Kb / 6P
   ??0 V, ??.9 A, Single P?묬hannel 2.4 x 2.9 x 1.0 mm SOT??3 Package
April, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com