Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3170NZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTUD3170NZ
Description  Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3170NZ Datasheet(HTML) 4 Page - ON Semiconductor

  NTUD3170NZ Datasheet HTML 1Page - ON Semiconductor NTUD3170NZ Datasheet HTML 2Page - ON Semiconductor NTUD3170NZ Datasheet HTML 3Page - ON Semiconductor NTUD3170NZ Datasheet HTML 4Page - ON Semiconductor NTUD3170NZ Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTUD3170NZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Resistive Switching Time Variation
vs. Gate Resistance
GATE−TO−SOURCE AND DRAIN−TO−SOURCE VOLTAGE (V)
RG, GATE RESISTANCE (W)
20
15
10
5
0
0
2.50
5.00
7.50
10.0
12.5
15.0
20.0
100
10
1
1
10
100
1000
Figure 9. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
1
0.8
0.6
0.4
0.2
0
0
0.025
0.050
0.075
0.100
0.125
0.175
0.200
17.5
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
VDD = 10 V
ID = 200 mA
VGS = 4.5 V
td(off)
td(on)
tr
tf
0.150
VGS = 0 V
TJ = 25°C


Similar Part No. - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZT5G ONSEMI-NTUD3171PZT5G Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
More results

Similar Description - NTUD3170NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3128N ONSEMI-NTUD3128N Datasheet
87Kb / 5P
   Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTZD3154N ONSEMI-NTZD3154N Datasheet
139Kb / 5P
   Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com